Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1849065 Datasheet (PDF) - PHOENIX CONTACT

1849065 Datasheet PDF - PHOENIX CONTACT
Part # 1849065
Download  1849065 Download
File Size   698.35 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - LPC 1,5/ 4-STF-3,81

1849065 Datasheet (PDF)

Go To PDF Page Download Datasheet
1849065 Datasheet PDF - PHOENIX CONTACT

Part # 1849065
Download  1849065 Click to download

File Size   698.35 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - LPC 1,5/ 4-STF-3,81

1849065 Datasheet (HTML) - PHOENIX CONTACT


1849065 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Female connector, number of rows: 1, number
of positions: 4, product range: LPC 1,5/..-STF, pitch: 3.81 mm, connection method: Lever Pushin
connection, conductor/PCB connection direction: 0 °, plug-in system: COMBICON MC 1,5,
locking: Screw locking, mounting: Screw flange, type of packaging: packed in cardboard

Your advantages
• Tool-free lever principle enables time-saving connection and release of conductors with/without ferrules
• Clear lever positions provide reliable feedback on opened or closed clamping spaces
• Time-saving push-in connection when lever is closed
• Screwable flange for superior mechanical stability
• Quick and convenient testing using integrated test option




Similar Part No. - 1849065

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1849007 PHOENIX-1849007 Datasheet
562Kb / 12P
PCB connector - LPC 1,5/13-ST-3,81
Jul 20, 2022
1849010 PHOENIX-1849010 Datasheet
584Kb / 13P
PCB connector - LPC 1,5/14-ST-3,81
Jul 20, 2022
1849011 PHOENIX-1849011 Datasheet
95Kb / 4P
Printed-circuit board connector - MSTBP 2,5/ 5-ST-5,08 ABGYAU
1849023 PHOENIX-1849023 Datasheet
584Kb / 13P
PCB connector - LPC 1,5/15-ST-3,81
Jul 20, 2022
1849024 PHOENIX-1849024 Datasheet
222Kb / 10P
Feed-through header - MSTBA 2,5/ 5-G-5,08 ABGY AU
More results


Similar Description - 1849065

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1849049 PHOENIX-1849049 Datasheet
698Kb / 17P
PCB connector - LPC 1,5/ 2-STF-3,81
Jul 20, 2022
1849052 PHOENIX-1849052 Datasheet
698Kb / 17P
PCB connector - LPC 1,5/ 3-STF-3,81
Jul 20, 2022
1849078 PHOENIX-1849078 Datasheet
698Kb / 17P
PCB connector - LPC 1,5/ 5-STF-3,81
Jul 20, 2022
1849094 PHOENIX-1849094 Datasheet
698Kb / 17P
PCB connector - LPC 1,5/ 7-STF-3,81
Jul 20, 2022
1849104 PHOENIX-1849104 Datasheet
660Kb / 16P
PCB connector - LPC 1,5/ 8-STF-3,81
Jul 20, 2022
1849117 PHOENIX-1849117 Datasheet
698Kb / 17P
PCB connector - LPC 1,5/ 9-STF-3,81
Jul 20, 2022
1849133 PHOENIX-1849133 Datasheet
668Kb / 16P
PCB connector - LPC 1,5/11-STF-3,81
Jul 20, 2022
1849159 PHOENIX-1849159 Datasheet
594Kb / 13P
PCB connector - LPC 1,5/13-STF-3,81
Jul 20, 2022
1849162 PHOENIX-1849162 Datasheet
594Kb / 13P
PCB connector - LPC 1,5/14-STF-3,81
Jul 20, 2022
1849175 PHOENIX-1849175 Datasheet
594Kb / 13P
PCB connector - LPC 1,5/15-STF-3,81
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com