Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS8424 Datasheet (PDF) - NXP Semiconductors

BGS8424 Datasheet PDF - NXP Semiconductors
Part # BGS8424
Download  BGS8424 Download
File Size   195.6 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description WLAN LNA Switch

BGS8424 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGS8424 Datasheet PDF - NXP Semiconductors

Part # BGS8424
Download  BGS8424 Click to download

File Size   195.6 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description WLAN LNA Switch

BGS8424 Datasheet (HTML) - NXP Semiconductors


BGS8424 Product details

General description
The BGS8424 is, also known as the WLAN3101H, a fully integrated MMIC low-noise
amplifier, and SP3T switch for Bluetooth path and transmit path. For WLAN applications
in the 2.4 GHz to 2.5 GHz ISM band. Manufactured using the high performance QUBiC
eighth generation SiGe:C technology of NXP.
The BGS8424 couples best-in-class noise figure, linearity, efficiency, low insertion loss.
Also the CMOS switches with the process stability and ruggedness are the hallmarks of
the SiGe:C technology.
The BGS8424 has a 1.5 mm × 1.5 mm footprint HX2SON8 package and a maximum
thickness of 330 μm.

Features and benefits
• Covers full ISM low band 2400 MHz to 2500 MHz
• Noise figure = 2 dB
• Gain 15.7 dB
• High input 1 dB compression point Pi(1dB) of -4.5 dBm
• High in of band IP3i of 6 dBm
• Supply voltage 2.7 V to 5.25 V
• Bypass mode current consumption of 4 μA at a supply voltage of 3.6 V
• Optimized performance at low supply current of 8.4 mA
• Integrated concurrent 5 GHz notch filter
• 4 modes of operation (high gain receive, bypass receive, transmit, and Bluetooth
modes)
• Integrated matching for input and output
• Requires only one supply decoupling capacitor
• ESD protection on all pins (HBM > 2 kV)
• Small 8-pin leadless package 1.5 mm × 1.5 mm × 0.32 mm; 0.4 mm pitch

Applications
• IEEE 802.11b/g/n WiFi, WLAN
• Smartphones, tablets, netbooks, and other portable computing devices
• Access points, routers, gateways
• Wireless video
• General-purpose ISM applications




Similar Part No. - BGS8424

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGS8458 NXP-BGS8458 Datasheet
186Kb / 13P
WLAN LNA Switch
Rev. 2 ??24 September 2019
BGS8458Z NXP-BGS8458Z Datasheet
186Kb / 13P
WLAN LNA Switch
Rev. 2 ??24 September 2019
More results


Similar Description - BGS8424

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6254 ANADIGICS-AWL6254 Datasheet
543Kb / 16P
2.4 GHz 802.11b/g/n WLAN PA, LNA, and RF Switch
02/2008
logo
SiGe Semiconductor, Inc...
SE2600S SIGE-SE2600S Datasheet
134Kb / 2P
2.4 GHz WLAN Switch/LNA Front End Preliminary
logo
TriQuint Semiconductor
TQP879001A TRIQUINT-TQP879001A Datasheet
169Kb / 1P
2.4GHz WLAN LNA SP3T Switch
TQL1600 TRIQUINT-TQL1600_15 Datasheet
130Kb / 1P
5 GHz WLAN Switch / LNA FEM
TQP879001A TRIQUINT-TQP879001A_15 Datasheet
169Kb / 1P
2.4GHz WLAN LNA SP3T Switch
logo
Infineon Technologies A...
BGA758L7 INFINEON-BGA758L7_11 Datasheet
1Mb / 16P
5-6 GHz LNA for WLAN
Revision 2.0, 2011-09-15
logo
NXP Semiconductors
BGS8324 NXP-BGS8324 Datasheet
137Kb / 12P
WLAN LNA Switch
Rev. 4-18 January 2017
BGS8358 NXP-BGS8358 Datasheet
114Kb / 12P
WLAN LNA Switch
Rev. 4-18 January 2017
WLAN3002C NXP-WLAN3002C Datasheet
202Kb / 15P
WLAN LNA switch
Rev. 6-19 July 2019
BGS8458 NXP-BGS8458 Datasheet
186Kb / 13P
WLAN LNA Switch
Rev. 2 ??24 September 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com