Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS8458Z Datasheet (PDF) - NXP Semiconductors

BGS8458Z Datasheet PDF - NXP Semiconductors
Part # BGS8458Z
Download  BGS8458Z Download
File Size   186.53 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description WLAN LNA Switch

BGS8458Z Datasheet (PDF)

Go To PDF Page Download Datasheet
BGS8458Z Datasheet PDF - NXP Semiconductors

Part # BGS8458Z
Download  BGS8458Z Click to download

File Size   186.53 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description WLAN LNA Switch

BGS8458Z Datasheet (HTML) - NXP Semiconductors


BGS8458Z Product details

General description
The BGS8458, also known as the WLAN3101C, is a fully integrated MMIC Low-Noise
Amplifier and SP2T switch for transmit path. For WLAN applications in the 4.9 GHz to
5.925 GHz ISM band. Manufactured using high performance QUBiC eighth generation
SiGe:C technology of NXP.
The BGS8458 couples best-in-class noise figure, linearity, efficiency, low insertion loss
CMOS switches with the process-stability, and -ruggedness, that are the hallmarks of
SiGe:C technology.
The BGS8458 has a 1.2 mm × 1.4 mm footprint HX2SON6 package and a maximum
thickness of 330 μm.

Features and benefits
• Covers full ISM high band 4900 MHz to 5925 MHz
• Noise figure = 2.4 dB
• Gain 13.5 dB
• High input 1 dB compression point Pi(1dB) of 0 dBm
• High out of band IP3i of 9 dBm
• Supply voltage 2.7 V to 5.25 V
• Bypass mode current consumption of 3.5 μA
• Optimized performance at low supply current of 10.7 mA
• Integrated concurrent 2.4 GHz notch filter
• 3 modes of operation (high gain receive, bypass receive, and transmit modes)
• Integrated matching for input and output
• Requires only one supply decoupling capacitor
• ESD protection on all pins (HBM > 2 kV)
• Small 6-pin leadless package 1.2 mm × 1.4 mm × 0.32 mm; 0.4 mm pitch

Applications
• IEEE 802.11a/n/ac WiFi, WLAN
• Smartphones, tablets, netbooks, and other portable computing devices
• Access points, routers, gateways
• Wireless video
• General-purpose ISM applications




Similar Part No. - BGS8458Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGS8424 NXP-BGS8424 Datasheet
195Kb / 13P
WLAN LNA Switch
Rev. 1.3 ??6 May 2019
BGS8424Z NXP-BGS8424Z Datasheet
195Kb / 13P
WLAN LNA Switch
Rev. 1.3 ??6 May 2019
More results


Similar Description - BGS8458Z

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6254 ANADIGICS-AWL6254 Datasheet
543Kb / 16P
2.4 GHz 802.11b/g/n WLAN PA, LNA, and RF Switch
02/2008
logo
SiGe Semiconductor, Inc...
SE2600S SIGE-SE2600S Datasheet
134Kb / 2P
2.4 GHz WLAN Switch/LNA Front End Preliminary
logo
TriQuint Semiconductor
TQP879001A TRIQUINT-TQP879001A Datasheet
169Kb / 1P
2.4GHz WLAN LNA SP3T Switch
TQL1600 TRIQUINT-TQL1600_15 Datasheet
130Kb / 1P
5 GHz WLAN Switch / LNA FEM
TQP879001A TRIQUINT-TQP879001A_15 Datasheet
169Kb / 1P
2.4GHz WLAN LNA SP3T Switch
logo
Infineon Technologies A...
BGA758L7 INFINEON-BGA758L7_11 Datasheet
1Mb / 16P
5-6 GHz LNA for WLAN
Revision 2.0, 2011-09-15
logo
NXP Semiconductors
BGS8324 NXP-BGS8324 Datasheet
137Kb / 12P
WLAN LNA Switch
Rev. 4-18 January 2017
BGS8358 NXP-BGS8358 Datasheet
114Kb / 12P
WLAN LNA Switch
Rev. 4-18 January 2017
WLAN3002C NXP-WLAN3002C Datasheet
202Kb / 15P
WLAN LNA switch
Rev. 6-19 July 2019
BGS8424 NXP-BGS8424 Datasheet
195Kb / 13P
WLAN LNA Switch
Rev. 1.3 ??6 May 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com