Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS8458Z Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BGS8458Z
Description  WLAN LNA Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8458Z Datasheet(HTML) 1 Page - NXP Semiconductors

  BGS8458Z Datasheet HTML 1Page - NXP Semiconductors BGS8458Z Datasheet HTML 2Page - NXP Semiconductors BGS8458Z Datasheet HTML 3Page - NXP Semiconductors BGS8458Z Datasheet HTML 4Page - NXP Semiconductors BGS8458Z Datasheet HTML 5Page - NXP Semiconductors BGS8458Z Datasheet HTML 6Page - NXP Semiconductors BGS8458Z Datasheet HTML 7Page - NXP Semiconductors BGS8458Z Datasheet HTML 8Page - NXP Semiconductors BGS8458Z Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BGS8458
WLAN LNA + Switch
Rev. 2 — 24 September 2019
Product data sheet
1 General description
The BGS8458, also known as the WLAN3101C, is a fully integrated MMIC Low-Noise
Amplifier and SP2T switch for transmit path. For WLAN applications in the 4.9 GHz to
5.925 GHz ISM band. Manufactured using high performance QUBiC eighth generation
SiGe:C technology of NXP.
The BGS8458 couples best-in-class noise figure, linearity, efficiency, low insertion loss
CMOS switches with the process-stability, and -ruggedness, that are the hallmarks of
SiGe:C technology.
The BGS8458 has a 1.2 mm × 1.4 mm footprint HX2SON6 package and a maximum
thickness of 330 μm.
2 Features and benefits
• Covers full ISM high band 4900 MHz to 5925 MHz
• Noise figure = 2.4 dB
• Gain 13.5 dB
• High input 1 dB compression point Pi(1dB) of 0 dBm
• High out of band IP3i of 9 dBm
• Supply voltage 2.7 V to 5.25 V
• Bypass mode current consumption of 3.5 μA
• Optimized performance at low supply current of 10.7 mA
• Integrated concurrent 2.4 GHz notch filter
• 3 modes of operation (high gain receive, bypass receive, and transmit modes)
• Integrated matching for input and output
• Requires only one supply decoupling capacitor
• ESD protection on all pins (HBM > 2 kV)
• Small 6-pin leadless package 1.2 mm × 1.4 mm × 0.32 mm; 0.4 mm pitch
3 Applications
• IEEE 802.11a/n/ac WiFi, WLAN
• Smartphones, tablets, netbooks, and other portable computing devices
• Access points, routers, gateways
• Wireless video
• General-purpose ISM applications


Similar Part No. - BGS8458Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGS8424 NXP-BGS8424 Datasheet
195Kb / 13P
WLAN LNA Switch
Rev. 1.3 ??6 May 2019
BGS8424Z NXP-BGS8424Z Datasheet
195Kb / 13P
WLAN LNA Switch
Rev. 1.3 ??6 May 2019
More results

Similar Description - BGS8458Z

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6254 ANADIGICS-AWL6254 Datasheet
543Kb / 16P
2.4 GHz 802.11b/g/n WLAN PA, LNA, and RF Switch
02/2008
logo
SiGe Semiconductor, Inc...
SE2600S SIGE-SE2600S Datasheet
134Kb / 2P
2.4 GHz WLAN Switch/LNA Front End Preliminary
logo
TriQuint Semiconductor
TQP879001A TRIQUINT-TQP879001A Datasheet
169Kb / 1P
2.4GHz WLAN LNA SP3T Switch
TQL1600 TRIQUINT-TQL1600_15 Datasheet
130Kb / 1P
5 GHz WLAN Switch / LNA FEM
TQP879001A TRIQUINT-TQP879001A_15 Datasheet
169Kb / 1P
2.4GHz WLAN LNA SP3T Switch
logo
Infineon Technologies A...
BGA758L7 INFINEON-BGA758L7_11 Datasheet
1Mb / 16P
5-6 GHz LNA for WLAN
Revision 2.0, 2011-09-15
logo
NXP Semiconductors
BGS8324 NXP-BGS8324 Datasheet
137Kb / 12P
WLAN LNA Switch
Rev. 4-18 January 2017
BGS8358 NXP-BGS8358 Datasheet
114Kb / 12P
WLAN LNA Switch
Rev. 4-18 January 2017
WLAN3002C NXP-WLAN3002C Datasheet
202Kb / 15P
WLAN LNA switch
Rev. 6-19 July 2019
BGS8424 NXP-BGS8424 Datasheet
195Kb / 13P
WLAN LNA Switch
Rev. 1.3 ??6 May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com