Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS8458Z Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BGS8458Z
Description  WLAN LNA Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8458Z Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BGS8458Z Datasheet HTML 2Page - NXP Semiconductors BGS8458Z Datasheet HTML 3Page - NXP Semiconductors BGS8458Z Datasheet HTML 4Page - NXP Semiconductors BGS8458Z Datasheet HTML 5Page - NXP Semiconductors BGS8458Z Datasheet HTML 6Page - NXP Semiconductors BGS8458Z Datasheet HTML 7Page - NXP Semiconductors BGS8458Z Datasheet HTML 8Page - NXP Semiconductors BGS8458Z Datasheet HTML 9Page - NXP Semiconductors BGS8458Z Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NXP Semiconductors
BGS8458
WLAN LNA + Switch
BGS8458
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2 — 24 September 2019
6 / 13
Symbol
Parameter
Conditions
Min Typ
Max
Unit
RF performance at ANT-RX path in, bypass receive mode[1]
Gtr
transducer power gain
-9
-7
-5
dB
Gp(flat)
power gain flatness
peak-to-peak over any
80 MHz band
-
-
0.5
dB
Pi(1dB)
input power at 1 dB gain compression
in-band
-
17
-
dBm
IP3i
input third-order intercept point
20 MHz tone spacing;
Pi = -3 dBm per tone
-
29
-
dBm
RLin
input return loss
-
10
-
dB
RLout
output return loss
-
10
-
dB
RF performance at ANT-TX path in transmit mode [1]
αins
insertion loss
-
0.7
-
dB
Gp(flat)
power gain flatness
peak-to-peak over any
80 MHz band
-
-
0.2
dB
ISL
isolation
measured between pin RX
and pin TX
-
30
-
dB
Pi(1dB)
input power at 1 dB gain compression
in-band
-
32
-
dBm
RLin
input return loss
-
13
-
dB
RLout
output return loss
-
13
-
dB
[1]
See Table 11 for the appropriate control signal settings.
Table 11. Control signal truth table
Other modes than the ones given in this table are not allowed.
Control signal setting [1]
Mode of operation
VC0
VC1
SP2T switch
(pin 5)
(pin 2)
ANT-RX
ANT-TX
LNA
Mode name
LOW
HIGH
ON
OFF
ON
high-gain receive mode
LOW
LOW
ON
OFF
OFF
bypass receive mode
HIGH
LOW
OFF
ON
OFF
transmit mode
[1]
A logic LOW is the result of an input voltage on that specific pin between 0 V and 0.5 V.
A logic HIGH is the result of an input voltage on that specific pin between 1.62 V and VCC1 - 0.2 V and 3.6 V maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com