Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS8458Z Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGS8458Z
Description  WLAN LNA Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8458Z Datasheet(HTML) 2 Page - NXP Semiconductors

  BGS8458Z Datasheet HTML 1Page - NXP Semiconductors BGS8458Z Datasheet HTML 2Page - NXP Semiconductors BGS8458Z Datasheet HTML 3Page - NXP Semiconductors BGS8458Z Datasheet HTML 4Page - NXP Semiconductors BGS8458Z Datasheet HTML 5Page - NXP Semiconductors BGS8458Z Datasheet HTML 6Page - NXP Semiconductors BGS8458Z Datasheet HTML 7Page - NXP Semiconductors BGS8458Z Datasheet HTML 8Page - NXP Semiconductors BGS8458Z Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NXP Semiconductors
BGS8458
WLAN LNA + Switch
BGS8458
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2 — 24 September 2019
2 / 13
4 Quick reference data
Table 1. Quick reference data
VCC = 3.6 V; Tamb = 25 °C; VIH = 3.3 V; VIL = 0 V; ZS = ZL = 50 Ω; Pi = -30 dBm unless otherwise specified. All
measurements done on application board (DC-decoupling capacitor 100 pF placed near by the VCC pin) with SMA
connectors as reference plane.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RF performances at ANT-RX path in, high-gain receive mode [1]
ICC
supply current
high-gain receive mode
[1] -
10.7
13.0
mA
Gtr
transducer power gain
11.5
13.5
16
dB
NF
noise figure
-
2.4
-
dB
Pi(1dB)
input power at 1 dB gain
compression
in-band
-
0
-
dBm
RLin
input return loss
-
16
-
dB
RLout
output return loss
-
14
-
dB
RF performance at ANT-RX path in, bypass receive mode [1]
ICC
supply current
bypass receive mode
[1] -
3.5
8
μA
Gtr
transducer power gain
-9
-7
-5
dB
RF performance at ANT-TX path in, transmit mode [1]
αins
insertion loss
-
0.7
-
dB
[1]
See Table 11 for the appropriate control signal settings.
5 Ordering information
Table 2. Ordering information
Package
Type number Orderable part
number
Name
Description
Version
BGS8458
BGS8458Z
HX2SON6
plastic, thermal enhanced super thin small outline package;
no leads; 6 terminals; body 1.2× 1.4 × 0.32 mm
SOT1234
6 Marking
Table 3. Marking code
Type number
Marking code
58
BGS8458
YWW: Year & Week code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com