Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL02GP023 Datasheet (PDF) - NXP Semiconductors

CBTL02GP023 Datasheet PDF - NXP Semiconductors
Part # CBTL02GP023
Download  CBTL02GP023 Download
File Size   433.46 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 5 Gbps rail-to-rail low insertion loss switch

CBTL02GP023 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBTL02GP023 Datasheet PDF - NXP Semiconductors

Part # CBTL02GP023
Download  CBTL02GP023 Click to download

File Size   433.46 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 5 Gbps rail-to-rail low insertion loss switch

CBTL02GP023 Datasheet (HTML) - NXP Semiconductors


CBTL02GP023 Product details

General description
The CBTL02GP023 is a one port high performance 5 Gbps rail-to-rail low insertion loss 4x
SPST switch chip optimized to interface USB3.0 signals with high voltage (e.g. USB2
signals) off isolation. It supports 5 Gbps USB3.0 signals and large swing USB2 or UART
signals in dongle or plug applications. It also can be used as a general purpose 5 Gbps
rail-to-rail low insertion loss switch chip in other applications.
The common mode voltage of all the input or output pins have wide common mode range
from 0 V to VDD.
CBTL02GP023 is available in 1.5 mm  2.1 mm  0.32 mm DHX2QFN14 package with
0.4 mm pitch.

Features and benefits
 One port (two differential channels) 5 Gbps rail-to-rail low insertion loss switch
 Differential channels:
 Low insertion loss: 1.5 dB at 2.5 GHz; 1 dB at 100 MHz
Low return loss: < 15 dB at 2.5 GHz
 Low ON-state resistance: 11  (typ)
 Bandwidth: 7 GHz (typ)
Low off-state isolation: 16 dB at 2.5 GHz; 40 dB at 100 MHz
Low DDNEXT crosstalk: < 35 dB at 2.5 GHz and 500 MHz
 VIC common mode input voltage: 0 to VDD
 Differential input voltage VID: 1.2 V (Max)
 Intra-pair skew: 6 ps (typ)
 VDD Power Supply voltage range in the dongle or plug:
 2.7 V (min) to 3.5 V (max)
 Low active current consumption: 500 A (max)
 Minimum disable current (ENH = LOW): 12 A (max)
 Back current protection on all I/O pins
 Patent pending high performance analog pass-gate technology
 All channels support rail-to-rail input voltage
 Small DHX2QFN14 1.5mm  2.1 mm  0.32 mm package with 0.4 mm pitch
 ESD protection exceeds 2000V HBM per JDS-001-2012 and 750 V CDM per
JESD22-C101
 Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
 Operating temperature range: 20 C to +85 C




Similar Part No. - CBTL02GP023

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL02042A NXP-CBTL02042A Datasheet
336Kb / 16P
3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen2
Rev. 1-10 March 2011
CBTL02042ABQ NXP-CBTL02042ABQ Datasheet
336Kb / 16P
3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen2
Rev. 1-10 March 2011
CBTL02042B NXP-CBTL02042B Datasheet
336Kb / 16P
3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen2
Rev. 1-10 March 2011
CBTL02042BBQ NXP-CBTL02042BBQ Datasheet
336Kb / 16P
3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen2
Rev. 1-10 March 2011
CBTL02043A NXP-CBTL02043A Datasheet
211Kb / 16P
3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1-10 March 2011
More results


Similar Description - CBTL02GP023

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33206 ONSEMI-MC33206 Datasheet
270Kb / 12P
LOW VOLTAGE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
1999 REV 1
logo
Analog Devices
AD8631 AD-AD8631 Datasheet
157Kb / 12P
1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
REV.0
OP186 AD-OP186 Datasheet
189Kb / 12P
5 uA, Rail-to-Rail Output Operational Amplifier
REV.0
logo
Global Mixed-mode Techn...
G1213 GMT-G1213 Datasheet
148Kb / 6P
Low power, Single, SOT-23-5, Rail-to-rail OP Amp
logo
Analog Devices
ADA4610-2 AD-ADA4610-2_12 Datasheet
376Kb / 20P
Low Noise, Precision, Rail-to-Rail Output
REV. A
logo
Diodes Incorporated
LMV321 DIODES-LMV321_11 Datasheet
624Kb / 16P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
Rev 6
logo
ON Semiconductor
MC33204DG ONSEMI-MC33204DG Datasheet
391Kb / 18P
Low Voltage, Rail-to-Rail Operational Amplifiers
December, 2011 ??Rev. 16
logo
Analog Devices
AD8631ART-REEL7 AD-AD8631ART-REEL7 Datasheet
159Kb / 12P
1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
REV. 0
logo
ON Semiconductor
NCS20081 ONSEMI-NCS20081 Datasheet
753Kb / 20P
Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
logo
Unisonic Technologies
L6132 UTC-L6132_17 Datasheet
471Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL VOLTAGE, RAIL-TO-RAIL AMPLIFIERS
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com