Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8631 Datasheet (PDF) - Analog Devices

AD8631 Datasheet PDF - Analog Devices
Part # AD8631
Download  AD8631 Download
File Size   157.16 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers

AD8631 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8631 Datasheet PDF - Analog Devices

Part # AD8631
Download  AD8631 Click to download

File Size   157.16 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers

AD8631 Datasheet (HTML) - Analog Devices


AD8631 Product details

GENERAL DESCRIPTION
The AD8631 brings precision and bandwidth to the SOT-23-5 package at single supply voltages as low as 1.8 V and low supply current. The small package makes it possible to place the AD8631 next to sensors, reducing external noise pickup.
   
FEATURES
    Single Supply Operation: 1.8 V to 6 V
    Space-Saving SOT-23, μSOIC Packaging
    Wide Bandwidth: 5 MHz @ 5 V, 4 MHz @ 1.8 V
    Low Offset Voltage: 4 mV Max, 0.8 mV typ
    Rail-to-Rail Input and Output Swing
    2 V/μs Slew Rate @ 1.8 V
    Only 225 μA Supply Current @ 1.8 V
   
APPLICATIONS
    Portable Communications
    Portable Phones
    Sensor Interface
    Active Filters
    PCMCIA Cards
    ASIC Input Drivers
    Wearable Computers
    Battery-Powered Devices
    New Generation Phones
    Personal Digital Assistants
   




Similar Part No. - AD8631

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8631 AD-AD8631 Datasheet
159Kb / 12P
1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
REV. 0
logo
Guangdong Youtai Semico...
AD8631 UMW-AD8631 Datasheet
1Mb / 15P
480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
logo
Analog Devices
AD8631ART-REEL7 AD-AD8631ART-REEL7 Datasheet
159Kb / 12P
1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
REV. 0
logo
Guangdong Youtai Semico...
AD8631ARTZ UMW-AD8631ARTZ Datasheet
1Mb / 15P
480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
More results


Similar Description - AD8631

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8519 AD-AD8519 Datasheet
193Kb / 12P
8 MHz Rail-to-Rail Operational Amplifiers
2/03-Data Sheet changed from REV. B to REV. C.
AD8631ART-REEL7 AD-AD8631ART-REEL7 Datasheet
159Kb / 12P
1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
REV. 0
OP162 AD-OP162_15 Datasheet
471Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
OP262 AD-OP262_15 Datasheet
471Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
OP462 AD-OP462_15 Datasheet
471Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
logo
Texas Instruments
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
logo
STMicroelectronics
TSX7192 STMICROELECTRONICS-TSX7192 Datasheet
702Kb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
March 2015 Rev 1
logo
Texas Instruments
TLV316-Q1 TI1-TLV316-Q1 Datasheet
1Mb / 31P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
1.8 V input/output, rail-to-rail, low power operational amplifiers
12-Mar-2010
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com