Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX7192 Datasheet (PDF) - STMicroelectronics

TSX7192 Datasheet PDF - STMicroelectronics
Part # TSX7192
Download  TSX7192 Download
File Size   702.07 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers

TSX7192 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSX7192 Datasheet PDF - STMicroelectronics

Part # TSX7192
Download  TSX7192 Click to download

File Size   702.07 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers

TSX7192 Datasheet (HTML) - STMicroelectronics


TSX7192 Product details

Description
The TSX7192 dual, operational amplifier (op amp) offers high precision functioning with low input offset voltage down to a maximum of 200 µV at 25 °C. In addition, its rail-to-rail input and output functionality allows this product to be used on full range input and output without limitation. This is particularly useful for a lowvoltage supply such as 2.7 V that the TSX7192 is able to operate with. Thus, the TSX7192 has the great advantage of offering a large span of supply voltages, ranging from 2.7 V to 16 V. It can be used in multiple applications with a unique reference. Low input bias current performance makes the TSX7192 perfect when used for signal conditioning in sensor interface applications. In addition, low-side and high-side current measurements can be easily made thanks to railto-rail functionality. The TSX7192 is a decompensated amplifier and must be used with a gain greater than 10 to ensure stability. High ESD tolerance (4 kV HBM) and a wide temperature range are also good arguments to use the TSX7192 in the automotive market segment.

Features
■ Low input offset voltage: 200 µV max.
■ Rail-to-rail input and output
■ Low current consumption: 850 µA max.
■ Gain bandwidth product: 9 MHz
■ Low supply voltage: 2.7 to 16 V
■ Stable when used with Gain ≥ 10
■ Low input bias current: 50 pA max.
■ High ESD tolerance: 4 kV HBM
■ Extended temp. range: -40 °C to 125 °C
■ Automotive qualification Related products
■ See the TSX7191 for single op amp version
■ See the TSX712 for lower speeds with similar precision
■ See the TSX562 for low-power features
■ See the TSX632 for micro-power features
■ See the TSX922 for higher speeds

Applications
■ Battery-powered instrumentation
■ Instrumentation amplifier
■ Active filtering
■ High-impedance sensor interface
■ Current sensing (high and low side)




Similar Part No. - TSX7192

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSX7191 STMICROELECTRONICS-TSX7191 Datasheet
1Mb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
17-Mar-2017
TSX7191A STMICROELECTRONICS-TSX7191A Datasheet
1Mb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
17-Mar-2017
TSX7191AILT STMICROELECTRONICS-TSX7191AILT Datasheet
1Mb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
17-Mar-2017
TSX7191AIYLT STMICROELECTRONICS-TSX7191AIYLT Datasheet
1Mb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
17-Mar-2017
TSX7191ILT STMICROELECTRONICS-TSX7191ILT Datasheet
1Mb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
17-Mar-2017
More results


Similar Description - TSX7192

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8663 AD-AD8663_07 Datasheet
825Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
10/07-Rev. 0 to Rev. A
AD8663 AD-AD8663_08 Datasheet
1Mb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8663 AD-AD8663_16 Datasheet
657Kb / 15P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. D
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Rev. E
logo
STMicroelectronics
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
21-Mar-2017
TSX7191 STMICROELECTRONICS-TSX7191 Datasheet
1Mb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
17-Mar-2017
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
16 MHz rail-to-rail CMOS 16 V operational amplifiers
28-Apr-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com