Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX7192 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSX7192
Description  Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX7192 Datasheet(HTML) 2 Page - STMicroelectronics

  TSX7192 Datasheet HTML 1Page - STMicroelectronics TSX7192 Datasheet HTML 2Page - STMicroelectronics TSX7192 Datasheet HTML 3Page - STMicroelectronics TSX7192 Datasheet HTML 4Page - STMicroelectronics TSX7192 Datasheet HTML 5Page - STMicroelectronics TSX7192 Datasheet HTML 6Page - STMicroelectronics TSX7192 Datasheet HTML 7Page - STMicroelectronics TSX7192 Datasheet HTML 8Page - STMicroelectronics TSX7192 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Contents
TSX7192
2/25
DocID027196 Rev 1
Contents
1
Package pin connections................................................................ 3
2
Absolute maximum ratings and operating conditions ................. 4
3
Electrical characteristics ................................................................ 5
4
Application information ................................................................ 15
4.1
Operating voltages .......................................................................... 15
4.2
Input pin voltage ranges.................................................................. 15
4.3
Rail-to-rail input ............................................................................... 15
4.4
Rail-to-rail output............................................................................. 15
4.5
Input offset voltage drift over temperature....................................... 16
4.6
Long term input offset voltage drift .................................................. 16
4.7
High values of input differential voltage........................................... 17
4.8
Capacitive load................................................................................ 18
4.9
PCB layout recommendations......................................................... 19
4.10
Optimized application recommendation .......................................... 19
5
Package information ..................................................................... 20
5.1
MiniSO8 package information ......................................................... 21
5.2
SO8 package information................................................................ 22
6
Ordering information..................................................................... 23
7
Revision history ............................................................................ 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com