Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX7192 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSX7192
Description  Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX7192 Datasheet(HTML) 1 Page - STMicroelectronics

  TSX7192 Datasheet HTML 1Page - STMicroelectronics TSX7192 Datasheet HTML 2Page - STMicroelectronics TSX7192 Datasheet HTML 3Page - STMicroelectronics TSX7192 Datasheet HTML 4Page - STMicroelectronics TSX7192 Datasheet HTML 5Page - STMicroelectronics TSX7192 Datasheet HTML 6Page - STMicroelectronics TSX7192 Datasheet HTML 7Page - STMicroelectronics TSX7192 Datasheet HTML 8Page - STMicroelectronics TSX7192 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
March 2015
DocID027196 Rev 1
1/25
This is information on a product in full production.
www.st.com
TSX7192
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational
amplifiers
Datasheet - production data
Features
•
Low input offset voltage: 200 µV max.
•
Rail-to-rail input and output
•
Low current consumption: 850 µA max.
•
Gain bandwidth product: 9 MHz
•
Low supply voltage: 2.7 to 16 V
•
Stable when used with Gain ≥ 10
•
Low input bias current: 50 pA max.
•
High ESD tolerance: 4 kV HBM
•
Extended temp. range: -40 °C to 125 °C
•
Automotive qualification
Related products
•
See the TSX7191 for single op amp version
•
See the TSX712 for lower speeds with
similar precision
•
See the TSX562 for low-power features
•
See the TSX632 for micro-power features
•
See the TSX922 for higher speeds
Applications
•
Battery-powered instrumentation
•
Instrumentation amplifier
•
Active filtering
•
High-impedance sensor interface
•
Current sensing (high and low side)
Description
The
TSX7192
dual,
operational
amplifier
(op amp) offers high precision functioning with
low input offset voltage down to a maximum of
200 µV at 25 °C. In addition, its rail-to-rail input
and output functionality allows this product to be
used on full range input and output without
limitation. This is particularly useful for a low-
voltage supply such as 2.7 V that the TSX7192 is
able to operate with.
Thus, the TSX7192 has the great advantage of
offering a large span of supply voltages, ranging
from 2.7 V to 16 V. It can be used in multiple
applications with a unique reference.
Low input bias current performance makes the
TSX7192
perfect
when
used
for
signal
conditioning in sensor interface applications. In
addition,
low-side
and
high-side
current
measurements can be easily made thanks to rail-
to-rail
functionality.
The
TSX7192
is
a
decompensated amplifier and must be used with
a gain greater than 10 to ensure stability.
High ESD tolerance (4 kV HBM) and a wide
temperature range are also good arguments to
use the TSX7192 in the automotive market
segment.


Similar Part No. - TSX7192

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSX7191 STMICROELECTRONICS-TSX7191 Datasheet
1Mb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
17-Mar-2017
TSX7191A STMICROELECTRONICS-TSX7191A Datasheet
1Mb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
17-Mar-2017
TSX7191AILT STMICROELECTRONICS-TSX7191AILT Datasheet
1Mb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
17-Mar-2017
TSX7191AIYLT STMICROELECTRONICS-TSX7191AIYLT Datasheet
1Mb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
17-Mar-2017
TSX7191ILT STMICROELECTRONICS-TSX7191ILT Datasheet
1Mb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
17-Mar-2017
More results

Similar Description - TSX7192

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8663 AD-AD8663_07 Datasheet
825Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
10/07-Rev. 0 to Rev. A
AD8663 AD-AD8663_08 Datasheet
1Mb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8663 AD-AD8663_16 Datasheet
657Kb / 15P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. D
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Rev. E
logo
STMicroelectronics
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
21-Mar-2017
TSX7191 STMICROELECTRONICS-TSX7191 Datasheet
1Mb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
17-Mar-2017
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
16 MHz rail-to-rail CMOS 16 V operational amplifiers
28-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com