Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX7192 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSX7192
Description  Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX7192 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSX7192 Datasheet HTML 9Page - STMicroelectronics TSX7192 Datasheet HTML 10Page - STMicroelectronics TSX7192 Datasheet HTML 11Page - STMicroelectronics TSX7192 Datasheet HTML 12Page - STMicroelectronics TSX7192 Datasheet HTML 13Page - STMicroelectronics TSX7192 Datasheet HTML 14Page - STMicroelectronics TSX7192 Datasheet HTML 15Page - STMicroelectronics TSX7192 Datasheet HTML 16Page - STMicroelectronics TSX7192 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TSX7192
Electrical characteristics
DocID027196 Rev 1
13/25
Figure 20: Recovery behavior after a positive step on
the input
Figure 21: Bode diagram
at VCC = 2.7 V
Figure 22: Bode diagram
at VCC = 16 V
Figure 23: Power supply rejection ratio (PSRR) vs.
frequency
Figure 24: Output overshoot vs.
capacitive load
Figure 25: Output impedance vs. frequency in closed
loop configuration
-10
0
10
20
30
40
-10
-10
-8
-8
-6
-6
-4
-4
-2
-2
0
0
2
2
-0.20
-0.16
-0.12
-0.08
-0.04
0.00
0.04
Vcc=±1.35V
Vcc=±8V
Vin
Gain=101
Rl=10k
Cl=100pF
T=25°C
Time (µs)
1k
10k
100k
1M
10M
-40
-30
-20
-10
0
10
20
30
40
50
-240
-180
-120
-60
0
60
120
180
240
300
Frequency (Hz)
Gain
Phase
Vcc=2.7V
Vicm=1.35V
Rl=10k
Cl=100pF
Gain=101
T=125°C
T=-40°C
T=25°C
1k
10k
100k
1M
10M
-40
-30
-20
-10
0
10
20
30
40
50
-240
-180
-120
-60
0
60
120
180
240
300
Frequency (Hz)
Gain
Phase
Vcc=16V
Vicm=8V
Rl=10k
Cl=100pF
Gain=101
T=125°C
T=-40°C
T=25°C
10
100
1k
10k
100k
0
20
40
60
80
100
PSRR
-
PSRR
+
Vcc=16V
Vicm=8V
Gain=10
Rl=10k
Cl=100pF
Vosc=20mV
PP
T=25°C
Frequency (Hz)
10
100
1000
0
25
50
75
100
Vcc=16V
Vicm=Vcc/2
Rl=10k
Vin=10mVpp
Gain=10
T=25°C
Cload (pF)
Rf=9.1k
Rf=91k
Unstable
1k
10k
100k
1M
10M
0.1
1
10
100
1000
10000
Vcc=2.7V
Vcc=16V
Vicm=Vcc/2
Gain=1
Vosc=30mV
RMS
T=25°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com