Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX7192 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSX7192
Description  Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX7192 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSX7192 Datasheet HTML 2Page - STMicroelectronics TSX7192 Datasheet HTML 3Page - STMicroelectronics TSX7192 Datasheet HTML 4Page - STMicroelectronics TSX7192 Datasheet HTML 5Page - STMicroelectronics TSX7192 Datasheet HTML 6Page - STMicroelectronics TSX7192 Datasheet HTML 7Page - STMicroelectronics TSX7192 Datasheet HTML 8Page - STMicroelectronics TSX7192 Datasheet HTML 9Page - STMicroelectronics TSX7192 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Electrical characteristics
TSX7192
6/25
DocID027196 Rev 1
nV
Hz
------------
nV
month
---------------------------
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
GBP
Gain bandwidth product
RL
= 10 kΩ, CL = 100 pF
5
7.7
MHz
ɸm
Phase margin
Gain = 10, RL
= 10 kΩ,
CL = 100 pF
42
Degrees
SRn
Negative slew rate
Av = 10, Vout = 3 VPP,
10 % to 90 %
1.3
2.3
V/μs
Tmin < Top < Tmax
1.0
SRp
Positive slew rate
Av = 10, Vout = 3 VPP,
10 % to 90 %
1.5
2.5
Tmin < Top < Tmax
1.1
en
Equivalent input noise
voltage
f = 1 kHz
22
f = 10 kHz
19
THD+N
Total harmonic distortion +
noise
f =1 kHz, Av = 10, RL
= 10 kΩ,
BW = 22 kHz, Vout = 3VPP
0.003
%
Notes:
(1)
Maximum values are guaranteed by design.
(2)
Typical value is based on the Vio drift observed after 1000h at 125 °C extrapolated to 25 °C using the Arrhenius law and
assuming an activation energy of 0.7 eV. The operational amplifier is aged in follower mode configuration (see Section 4.6).
Table 4: Electrical characteristics at VCC+ = 10 V with VCC- = 0 V, Vicm = VCC/2,
Tamb = 25 °C, and RL > 10 kΩ connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
T = 25 °C
200
μV
Tmin < Top < 85 °C
365
Tmin < Top < 125 °C
450
ΔVio/ΔT
Input offset voltage drift
(1)
2.5
μV/°C
ΔVio
Long term input offset
voltage drift
(2)
T = 25 °C
25
Iib
Input bias current
(1)
Vout = VCC/2
1
50
pA
Tmin < Top < Tmax
200
Iio
Input offset current
(1)
Vout = VCC/2
1
50
Tmin < Top < Tmax
200
RIN
Input resistance
1
TΩ
CIN
Input capacitance
12.5
pF
CMRR
Common mode rejection
ratio 20 log (ΔVic/ΔVio)
Vicm = -0.1 to 10.1 V, Vout = VCC/2
88
100
dB
Tmin < Top < Tmax
84
Vicm = -0.1 to 8 V, Vout = VCC/2
98
106
Tmin < Top < Tmax
92
Avd
Large signal voltage gain
RL
= 2 kΩ, Vout = 0.3 to 9.7 V
110
140
Tmin < Top < Tmax
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com