Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX7192 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSX7192
Description  Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX7192 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSX7192 Datasheet HTML 11Page - STMicroelectronics TSX7192 Datasheet HTML 12Page - STMicroelectronics TSX7192 Datasheet HTML 13Page - STMicroelectronics TSX7192 Datasheet HTML 14Page - STMicroelectronics TSX7192 Datasheet HTML 15Page - STMicroelectronics TSX7192 Datasheet HTML 16Page - STMicroelectronics TSX7192 Datasheet HTML 17Page - STMicroelectronics TSX7192 Datasheet HTML 18Page - STMicroelectronics TSX7192 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
TSX7192
Application information
DocID027196 Rev 1
15/25
4
Application information
4.1
Operating voltages
The TSX7192 device can operate from 2.7 to 16 V. The parameters are fully specified for
4 V, 10 V, and 16 V power supplies. However, the parameters are very stable in the full VCC
range. Additionally, the main specifications are guaranteed in extended temperature ranges
from -40 to +125 °C.
4.2
Input pin voltage ranges
The TSX7192 device has internal ESD diode protection on the inputs. These diodes are
connected between the input and each supply rail to protect the input MOSFETs from
electrical discharge.
If the input pin voltage exceeds the power supply by 0.5 V, the ESD diodes become
conductive and excessive current can flow through them. Without limitation this over
current can damage the device.
In this case, it is important to limit the current to 10 mA, by adding resistance on the input
pin, as described in Figure 30.
Figure 30: Input current limitation
4.3
Rail-to-rail input
The TSX7192 device has a rail-to-rail input, and the input common mode range is extended
from VCC- - 0.1 V to VCC+ + 0.1 V.
4.4
Rail-to-rail output
The operational amplifier output levels can go close to the rails: to a maximum of 40 mV
above and below the rail when connected to a 10 kΩ resistive load to V
CC/2.
9R
2
R
2
Vcc
Vin
R
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com