Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1161208 Datasheet (PDF) - PHOENIX CONTACT

1161208 Datasheet PDF - PHOENIX CONTACT
Part # 1161208
Download  1161208 Download
File Size   776.1 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MVSTBR 2,5/ 3-STF-5,08 BUBDWH

1161208 Datasheet (PDF)

Go To PDF Page Download Datasheet
1161208 Datasheet PDF - PHOENIX CONTACT

Part # 1161208
Download  1161208 Click to download

File Size   776.1 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MVSTBR 2,5/ 3-STF-5,08 BUBDWH

1161208 Datasheet (HTML) - PHOENIX CONTACT


1161208 Product details

PCB connector, nominal cross section: 2.5 mm2, color: blue, nominal current: 12 A, rated voltage (III/2): 320 V, contact surface: Tin, type of contact: Female connector, number of rows: 1, number of positions: 3, product range: MVSTBR 2,5/..-STF, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head form: L Slotted, conductor/PCB connection direction:90 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5, locking: Screw locking,mounting: Screw flange, type of packaging: packed in cardboard, Satisfies the requirements of the “APL Port Profile Specification”

Your advantages
• Well-known connection principle allows worldwide use
• Screwable flange for superior mechanical stability
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors




Similar Part No. - 1161208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1161 ETC2-1161 Datasheet
28Kb / 1P
Perfect for cutting jackets off a variety of fibre optic cable
logo
CEE Norm UK Ltd
1161 CEENORM-1161 Datasheet
1Mb / 4P
Socket Outlets
logo
List of Unclassifed Man...
11610 ETC2-11610 Datasheet
332Kb / 1P
Fuse carriers, Domestic cartridge fuses
logo
Elektron Components Ltd...
11610 BULGIN-11610 Datasheet
271Kb / 11P
Plugs and Sockets
logo
PHOENIX CONTACT
1161037 PHOENIX-1161037 Datasheet
309Kb / 8P
ME 67,5 UT BUS/102 KMGY - Mounting base housing
More results


Similar Description - 1161208

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1161197 PHOENIX-1161197 Datasheet
2Mb / 30P
PCB connector - MSTB 2,5/ 3-ST-5,08 BUBDWH:-S
Jul 20, 2022
1835481 PHOENIX-1835481 Datasheet
483Kb / 13P
PCB connector - MVSTBR 2,5/ 3-STF
Jul 20, 2022
1912621 PHOENIX-1912621 Datasheet
321Kb / 11P
PCB connector - MVSTBR 2,5 HC/ 2-STF-5,08
Dec 30, 2022
1912634 PHOENIX-1912634 Datasheet
319Kb / 11P
PCB connector - MVSTBR 2,5 HC/ 3-STF-5,08
Dec 30, 2022
1835504 PHOENIX-1835504 Datasheet
265Kb / 9P
PCB connector - MVSTBR 2,5/ 5-STF
Jan 4, 2023
1835517 PHOENIX-1835517 Datasheet
265Kb / 9P
PCB connector - MVSTBR 2,5/ 6-STF
Jan 4, 2023
1912647 PHOENIX-1912647 Datasheet
323Kb / 11P
PCB connector - MVSTBR 2,5 HC/ 4-STF-5,08
1835216 PHOENIX-1835216 Datasheet
642Kb / 15P
MVSTBR 2,5/14-STF-5,08 - PCB connector
1912689 PHOENIX-1912689 Datasheet
323Kb / 11P
MVSTBR 2,5 HC/ 8-STF-5,08 - PCB connector
1835229 PHOENIX-1835229 Datasheet
657Kb / 16P
MVSTBR 2,5/15-STF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com