Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1835504 Datasheet (PDF) - PHOENIX CONTACT

1835504 Datasheet PDF - PHOENIX CONTACT
Part # 1835504
Download  1835504 Download
File Size   265.43 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MVSTBR 2,5/ 5-STF

1835504 Datasheet (PDF)

Go To PDF Page Download Datasheet
1835504 Datasheet PDF - PHOENIX CONTACT

Part # 1835504
Download  1835504 Click to download

File Size   265.43 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MVSTBR 2,5/ 5-STF

1835504 Datasheet (HTML) - PHOENIX CONTACT


1835504 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Female connector, number of
potentials: 5, number of rows: 1, number of positions: 5, number of connections: 5, product
range: MVSTBR 2,5/..-STF, pitch: 5 mm, connection method: Screw connection with tension
sleeve, screw head form: L Slotted, conductor/PCB connection direction: 90 °, locking clip: -
Locking clip, plug-in system: COMBICON MSTB 2,5, locking: Screw locking, mounting: Screw
flange, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Screwable flange for superior mechanical stability
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors




Similar Part No. - 1835504

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1835517 PHOENIX-1835517 Datasheet
265Kb / 9P
PCB connector - MVSTBR 2,5/ 6-STF
Jan 4, 2023
1835520 PHOENIX-1835520 Datasheet
156Kb / 5P
MSTB 2,5/ 7-GF
1835520 PHOENIX-1835520 Datasheet
157Kb / 5P
MSTBV 2,5/ 7-GF
1835533 PHOENIX-1835533 Datasheet
434Kb / 14P
MSTB 2,5/ 8-GF
1835546 PHOENIX-1835546 Datasheet
80Kb / 6P
Printed-circuit board connector - MVSTBR 2,5/ 9-STF
More results


Similar Description - 1835504

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1161208 PHOENIX-1161208 Datasheet
776Kb / 19P
PCB connector - MVSTBR 2,5/ 3-STF-5,08 BUBDWH
Jul 20, 2022
1835481 PHOENIX-1835481 Datasheet
483Kb / 13P
PCB connector - MVSTBR 2,5/ 3-STF
Jul 20, 2022
1912621 PHOENIX-1912621 Datasheet
321Kb / 11P
PCB connector - MVSTBR 2,5 HC/ 2-STF-5,08
Dec 30, 2022
1912634 PHOENIX-1912634 Datasheet
319Kb / 11P
PCB connector - MVSTBR 2,5 HC/ 3-STF-5,08
Dec 30, 2022
1835517 PHOENIX-1835517 Datasheet
265Kb / 9P
PCB connector - MVSTBR 2,5/ 6-STF
Jan 4, 2023
1912647 PHOENIX-1912647 Datasheet
323Kb / 11P
PCB connector - MVSTBR 2,5 HC/ 4-STF-5,08
1912566 PHOENIX-1912566 Datasheet
398Kb / 14P
MVSTBR 2,5 HC/ 7-STF - PCB connector
1835216 PHOENIX-1835216 Datasheet
642Kb / 15P
MVSTBR 2,5/14-STF-5,08 - PCB connector
1835229 PHOENIX-1835229 Datasheet
657Kb / 16P
MVSTBR 2,5/15-STF-5,08 - PCB connector
1912537 PHOENIX-1912537 Datasheet
400Kb / 14P
MVSTBR 2,5 HC/ 4-STF - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com