Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1199931 Datasheet (PDF) - PHOENIX CONTACT

1199931 Datasheet PDF - PHOENIX CONTACT
Part # 1199931
Download  1199931 Download
File Size   467.06 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - PC 6/ 4-G-7,62 P26THRR56

1199931 Datasheet (PDF)

Go To PDF Page Download Datasheet
1199931 Datasheet PDF - PHOENIX CONTACT

Part # 1199931
Download  1199931 Click to download

File Size   467.06 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - PC 6/ 4-G-7,62 P26THRR56

1199931 Datasheet (HTML) - PHOENIX CONTACT


1199931 Product details

PCB headers, nominal cross section: 6 mm2, color: black, nominal current: 41 A, rated voltage
(III/2): 630 V, contact surface: Tin, type of contact: Male connector, number of rows: 1, number of
positions: 4, product range: PC 6/..-G-THR, pitch: 7.62 mm, mounting: THR soldering, pin layout:
Linear pinning, solder pin [P]: 2.6 mm, number of solder pins per potential: 3, plug-in system:
COMBICON PC 6, Pin connector pattern alignment: Standard, locking: without, mounting:without, type of packaging: 44 mm wide tape

Your advantages
• Designed for integration into the SMT soldering process
• Increased touch protection in the pin connector pattern for maximum safety even when not plugged in
• Easy PCB replacement thanks to plug-in modules




Similar Part No. - 1199931

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1199930 PHOENIX-1199930 Datasheet
469Kb / 11P
PCB header - PC 6/ 3-G-7,62 P26THRR56
Jul 20, 2022
More results


Similar Description - 1199931

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1190490 PHOENIX-1190490 Datasheet
446Kb / 10P
PCB header - PC 6/ 4-G-7,62 P26THR
Jul 20, 2022
1190494 PHOENIX-1190494 Datasheet
445Kb / 10P
PCB header - PC 6/ 6-G-7,62 P26THR
Jul 20, 2022
1199929 PHOENIX-1199929 Datasheet
460Kb / 10P
PCB header - PC 6/ 2-G-7,62 P26THRR56
Jul 20, 2022
1199930 PHOENIX-1199930 Datasheet
469Kb / 11P
PCB header - PC 6/ 3-G-7,62 P26THRR56
Jul 20, 2022
1804797 PHOENIX-1804797 Datasheet
975Kb / 16P
PCB header - PC 4/ 2-G-7,62
Jul 21, 2022
1804810 PHOENIX-1804810 Datasheet
975Kb / 16P
PCB header - PC 4/ 4-G-7,62
Jul 21, 2022
1720505 PHOENIX-1720505 Datasheet
461Kb / 15P
PCB header - PC 5/ 6-G-7,62
Jan 4, 2023
1054547 PHOENIX-1054547 Datasheet
262Kb / 9P
PCB header - PC 6/ 3-G-7,62
Jan 10, 2023
1804849 PHOENIX-1804849 Datasheet
410Kb / 11P
PCB header - PC 4/ 7-G-7,62
Dec 30, 2022
1054548 PHOENIX-1054548 Datasheet
364Kb / 10P
PC 6/ 4-G-7,62 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com