Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1804849 Datasheet (PDF) - PHOENIX CONTACT

1804849 Datasheet PDF - PHOENIX CONTACT
Part # 1804849
Download  1804849 Download
File Size   410.93 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - PC 4/ 7-G-7,62

1804849 Datasheet (PDF)

Go To PDF Page Download Datasheet
1804849 Datasheet PDF - PHOENIX CONTACT

Part # 1804849
Download  1804849 Click to download

File Size   410.93 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - PC 4/ 7-G-7,62

1804849 Datasheet (HTML) - PHOENIX CONTACT


1804849 Product details

PCB headers, nominal cross section: 4 mm2, color: green, nominal current: 20 A, rated voltage
(III/2): 630 V, contact surface: Tin, type of contact: Male connector, number of potentials: 7,
number of rows: 1, number of positions: 7, number of connections: 7, product range: PC 4/..-G,
pitch: 7.62 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 5 mm,
number of solder pins per potential: 2, plug-in system: COMBICON PC 4, Pin connector pattern
alignment: Standard, locking: without, mounting: without, type of packaging: packed in
cardboard, Mounting flange: Accessory Item No. 1827570

Your advantages
• Well-known mounting principle allows worldwide use
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules
• Plug-in direction parallel to the PCB




Similar Part No. - 1804849

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1804840000 WEIDMULLER-1804840000 Datasheet
326Kb / 5P
SL-SMT 3.50/16/180LF 1.5SN BK BX
1804840000 WEIDMULLER-1804840000 Datasheet
1Mb / 23P
BL 3.50/16/180 SN OR BX PRT
logo
PHOENIX CONTACT
1804848 PHOENIX-1804848 Datasheet
1Mb / 17P
MSTB 2,5/ 3-G-5,08 BU VPE500 - PCB header
More results


Similar Description - 1804849

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1190490 PHOENIX-1190490 Datasheet
446Kb / 10P
PCB header - PC 6/ 4-G-7,62 P26THR
Jul 20, 2022
1199931 PHOENIX-1199931 Datasheet
467Kb / 10P
PCB header - PC 6/ 4-G-7,62 P26THRR56
Jul 20, 2022
1720521 PHOENIX-1720521 Datasheet
891Kb / 19P
PCB header - PC 5/ 8-G-7,62
Jul 21, 2022
1804797 PHOENIX-1804797 Datasheet
975Kb / 16P
PCB header - PC 4/ 2-G-7,62
Jul 21, 2022
1804810 PHOENIX-1804810 Datasheet
975Kb / 16P
PCB header - PC 4/ 4-G-7,62
Jul 21, 2022
1721067 PHOENIX-1721067 Datasheet
335Kb / 11P
PCB header - PC 5/ 7-GFU-7,62
Nov 30, 2022
1720505 PHOENIX-1720505 Datasheet
461Kb / 15P
PCB header - PC 5/ 6-G-7,62
Jan 4, 2023
1054547 PHOENIX-1054547 Datasheet
262Kb / 9P
PCB header - PC 6/ 3-G-7,62
Jan 10, 2023
1804959 PHOENIX-1804959 Datasheet
368Kb / 11P
PCB connector - PC 4/ 7-ST-7,62
Jan 4, 2023
1054548 PHOENIX-1054548 Datasheet
364Kb / 10P
PC 6/ 4-G-7,62 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com