Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1804848 Datasheet (PDF) - PHOENIX CONTACT

1804848 Datasheet PDF - PHOENIX CONTACT
Part # 1804848
Download  1804848 Download
File Size   1363.49 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 3-G-5,08 BU VPE500 - PCB header

1804848 Datasheet (PDF)

Go To PDF Page Download Datasheet
1804848 Datasheet PDF - PHOENIX CONTACT

Part # 1804848
Download  1804848 Click to download

File Size   1363.49 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 3-G-5,08 BU VPE500 - PCB header

1804848 Datasheet (HTML) - PHOENIX CONTACT


1804848 Product details

PCB headers, nominal cross section: 2.5 mm2, color: blue, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 3, number
of rows: 1, number of positions: 3, number of connections: 3, product range: MSTB 2,5/..-G,
pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.23 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1804848

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1804840000 WEIDMULLER-1804840000 Datasheet
326Kb / 5P
SL-SMT 3.50/16/180LF 1.5SN BK BX
1804840000 WEIDMULLER-1804840000 Datasheet
1Mb / 23P
BL 3.50/16/180 SN OR BX PRT
logo
PHOENIX CONTACT
1804849 PHOENIX-1804849 Datasheet
410Kb / 11P
PCB header - PC 4/ 7-G-7,62
Dec 30, 2022
More results


Similar Description - 1804848

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1715031 PHOENIX-1715031 Datasheet
104Kb / 2P
MSTB 2,5/ 3-G-5,08 VPE500
1715044 PHOENIX-1715044 Datasheet
337Kb / 12P
Feed-through header - MSTB 2,5/ 3-G-5,08 BK VPE500
1729344 PHOENIX-1729344 Datasheet
61Kb / 2P
MSTB 2,5/ 3-G-5,08 OG VPE500
1730692 PHOENIX-1730692 Datasheet
104Kb / 2P
MSTB 2,5/ 3-G-5,08 YE
1759020 PHOENIX-1759020 Datasheet
150Kb / 6P
MSTB 2,5/ 3-G-5,08
1701131 PHOENIX-1701131 Datasheet
43Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 3-STZ11-5,08 VPE500
1729357 PHOENIX-1729357 Datasheet
61Kb / 2P
MSTB 2,5/ 3-ST-5,08 BK VPE500
1729360 PHOENIX-1729360 Datasheet
61Kb / 2P
MSTB 2,5/ 4-ST-5,08 BK VPE500
1729373 PHOENIX-1729373 Datasheet
61Kb / 2P
MSTB 2,5/ 5-ST-5,08 BK VPE500
1759208 PHOENIX-1759208 Datasheet
151Kb / 5P
MSTB 2,5/21-G-5,08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com