Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4102 Datasheet (PDF) - AiT Semiconductor Inc.

AM4102 Datasheet PDF - AiT Semiconductor Inc.
Part # AM4102
Download  AM4102 Download
File Size   752.0 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description N-CHANNEL ENHANCEMENT MODE POWER MOSFET

AM4102 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM4102 Datasheet PDF - AiT Semiconductor Inc.

Part # AM4102
Download  AM4102 Click to download

File Size   752.0 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description N-CHANNEL ENHANCEMENT MODE POWER MOSFET

AM4102 Datasheet (HTML) - AiT Semiconductor Inc.


AM4102 Product details

DESCRIPTION
The AM4102 uses advanced trench technology and design to provide excellent RDS(ON) with low gate charge. It can be used in a wide variety of applications.
AM4102 is available in a TO252-2 package.

FEATURES
 VDS=30V, ID=50A
RDS(ON) <11mΩ@ VGS =10V
RDS(ON) <16mΩ@ VGS =5V
 High density cell design for ultra low RDSON
 Fully characterized Avalanche voltage and current
 Good stability and uniformity with high EAS
 Excellent package for good heat dissipation
 Special process technology for high ESD capability
 Available in a TO252-2 package.

APPLICATION
 Power switching application
 Hard switched and high frequency circuits
 Uninterruptible Power Supply




Similar Part No. - AM4102

ManufacturerPart #DatasheetDescription
logo
Eltime Ltd.
AM41 TEMPATRON-AM41 Datasheet
92Kb / 1P
ANALOGUE TIMERS ELECTROMECHANICAL CAM TIMERS
logo
Mini-Circuits
AM411 MINI-AM411 Datasheet
71Kb / 6P
VOLTAGE TRANSMITTER IC
logo
WOLFSPEED, INC.
AM411 WOLFSPEED-AM411 Datasheet
350Kb / 10P
Low-Cost Voltage Transmitter IC
March 2015 Rev. 4.0
logo
Analog Microelectronics...
AM411 ANALOGMICRO-AM411 Datasheet
350Kb / 10P
Low-Cost Voltage Transmitter IC
March 2015 - Rev. 4.0
logo
Analog Microelectronics
AM417 AME-AM417 Datasheet
77Kb / 6P
RATIOMETRIC VOLTAGE TRANSMITTER
More results


Similar Description - AM4102

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com