Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM411 Datasheet (PDF) - WOLFSPEED, INC.

AM411 Datasheet PDF - WOLFSPEED, INC.
Part # AM411
Download  AM411 Download
File Size   350.17 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Low-Cost Voltage Transmitter IC

AM411 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM411 Datasheet PDF - WOLFSPEED, INC.

Part # AM411
Download  AM411 Click to download

File Size   350.17 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Low-Cost Voltage Transmitter IC

AM411 Datasheet (HTML) - WOLFSPEED, INC.


AM411 Product details

FEATURES
• supply voltage range: 6 .. 35 V
• operating temperature range:
-40 °C .. +85 °C
• voltage reference: 5 V (max. 10 mA)
• differential input voltage range:
VIN = 0 .. ±600 mV
• large common-mode input range:
1.5 .. 6.0 V
• output voltage up to 13 V
• adjustable gain and offset
• several integrated protection functions:
- reverse polarity protection
- protection against permutation
of VCC, VOUT, GND
- output current limitation
- short circuit protection
• ESD protection
• REACH and RoHS conform
GENERAL DESCRIPTION
AM411 is a universal voltage amplifier / transmitter IC for signal-conditioning applications. It converts a differential input voltage into an amplified,
single-ended output voltage. Using this IC standardized industrial output voltage ranges (e.g.
0 .. 5, 0 .. 10 V, 1 .. 5 V) can easily be realized.
The IC consists of an instrumentation amplifier
with adjustable offset as input stage and an operational amplifier output stage with adjustable
gain. Offset and gain can be set using external
resistors. A reference voltage source delivering 5
V with a source current up to 10 mA can be used
to power external components (e.g. measurement
bridges, microcontrollers).
The IC is internally protected against reverse polarity and permutation of VCC, VOUT and GND.
Furthermore it is protected against short circuit of
VOUT by an integrated output current limitation.
With its industrial voltage output, protection functions and wide input voltage range AM411 is suitable for a large variety of transducers and sensors.




Similar Part No. - AM411

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
AM411 MINI-AM411 Datasheet
71Kb / 6P
VOLTAGE TRANSMITTER IC
logo
Analog Microelectronics...
AM411 ANALOGMICRO-AM411 Datasheet
350Kb / 10P
Low-Cost Voltage Transmitter IC
March 2015 - Rev. 4.0
More results


Similar Description - AM411

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
AM411 MINI-AM411 Datasheet
71Kb / 6P
VOLTAGE TRANSMITTER IC
logo
Semtech Corporation
SX1240 SEMTECH-SX1240 Datasheet
548Kb / 20P
Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
SX1242 SEMTECH-SX1242 Datasheet
304Kb / 14P
SX1242 - Low Cost Integrated Transmitter IC
logo
List of Unclassifed Man...
SEM104PT100 ETC2-SEM104PT100 Datasheet
92Kb / 2P
LOW COST TEMPERATURE TRANSMITTER
RF68 ETC2-RF68 Datasheet
778Kb / 21P
Low Cost Integrated Transmitter IC
RFM68CW-315S2 ETC2-RFM68CW-315S2 Datasheet
806Kb / 20P
Low Cost ISM Transmitter Module
RFM68W-315S2 ETC2-RFM68W-315S2 Datasheet
793Kb / 20P
Low Cost ISM Transmitter Module
logo
HOPE Microelectronics C...
RF68 HOPE-RF68 Datasheet
778Kb / 21P
Low Cost Integrated Transmitter IC
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
Low Cost ISM Transmitter Module
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
Low Cost ISM Transmitter Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com