Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX1240 Datasheet (PDF) - Semtech Corporation

SX1240 Datasheet PDF - Semtech Corporation
Part # SX1240
Download  SX1240 Download
File Size   548.7 Kbytes
Page   20 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter

SX1240 Datasheet (PDF)

Go To PDF Page Download Datasheet
SX1240 Datasheet PDF - Semtech Corporation

Part # SX1240
Download  SX1240 Click to download

File Size   548.7 Kbytes
Page   20 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter

SX1240 Datasheet (HTML) - Semtech Corporation


SX1240 Product details

GENERAL DESCRIPTION
The SX1240 is an ultra-low-cost, fully integrated FSK or OOK compatible transmitter suitable for operation in the 418, 434 and 868 MHz licence free ISM bands.
For applications where economy is paramount, the SX1240 may be used without the requirement for configuration via an MCU. The transmitter is configured for default operation at a frequency of 433.92 MHz or 868.3 MHz. However, in conjunction with a microcontroller the communication link parameters may be re-configured. Including, output power, modulation format and operating channel.
The SX1240 offers integrated radio performance with cost efficiency and is suited for worldwide operations in particular Europe (ETSI EN 300-220-1), North America (FCC part 15.231).

KEY PRODUCT FEATURES
◆ +10 dBm or 0 dBm Configurable output power
◆ Bit rates up to 100 kbps
◆ FSK and OOK modulation
◆ 2 Preconfigured Modes for Operation without MCU 433.92 MHz OOK & 868.3 MHz FSK
◆ 1.8 to 3.7 V supply range
◆ Low BOM Fully Integrated Tx
◆ 8 Selectable Centre Frequencies
◆ Programmable Frequency Tuning of low cost XTAL

APPLICATIONS
◆ Low-Cost Consumer Electronic Applications
◆ Remote Keyless Entry (RKE)
◆ Remote Control / Security Systems
◆ Audio Accessories
◆ Process and building / home control
◆ Active RFID




Similar Part No. - SX1240

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1242 SEMTECH-SX1242 Datasheet
304Kb / 14P
SX1242 - Low Cost Integrated Transmitter IC
SX1242ISETRT SEMTECH-SX1242ISETRT Datasheet
304Kb / 14P
SX1242 - Low Cost Integrated Transmitter IC
SX1243 SEMTECH-SX1243 Datasheet
921Kb / 24P
Low Cost Low Current Integrated Transmitter 310 to 928MHz Frequency Agile
SX1243IULTRT SEMTECH-SX1243IULTRT Datasheet
921Kb / 24P
Low Cost Low Current Integrated Transmitter 310 to 928MHz Frequency Agile
More results


Similar Description - SX1240

ManufacturerPart #DatasheetDescription
logo
ams AG
ASCELL3911 AMSCO-ASCELL3911 Datasheet
104Kb / 13P
ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
ASCELL3912 AMSCO-ASCELL3912 Datasheet
122Kb / 14P
ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
logo
Infineon Technologies A...
TDA5100A INFINEON-TDA5100A Datasheet
936Kb / 29P
ASK Transmitter 434 MHz
Version 1.0 March 2001
TDK5100 INFINEON-TDK5100 Datasheet
629Kb / 40P
ASK/FSK Transmitter 868/433 MHz
Version 1.0 October 2002
TDK5110 INFINEON-TDK5110 Datasheet
618Kb / 41P
ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002
logo
List of Unclassifed Man...
NRF902 ETC1-NRF902 Datasheet
160Kb / 13P
Single chip 868 MHz Transmitter
logo
Semtech Corporation
SX1230 SEMTECH-SX1230 Datasheet
886Kb / 46P
Integrated Transmitter IC Narrow/wideband 315 MHz, 434 MHz 868 MHz and 915 MHz band Transmitter
SX1242 SEMTECH-SX1242 Datasheet
304Kb / 14P
SX1242 - Low Cost Integrated Transmitter IC
logo
List of Unclassifed Man...
RF68 ETC2-RF68 Datasheet
778Kb / 21P
Low Cost Integrated Transmitter IC
logo
HOPE Microelectronics C...
RF68 HOPE-RF68 Datasheet
778Kb / 21P
Low Cost Integrated Transmitter IC
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com