Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX1230 Datasheet (PDF) - Semtech Corporation

SX1230 Datasheet PDF - Semtech Corporation
Part # SX1230
Download  SX1230 Download
File Size   886.38 Kbytes
Page   46 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Integrated Transmitter IC Narrow/wideband 315 MHz, 434 MHz 868 MHz and 915 MHz band Transmitter

SX1230 Datasheet (PDF)

Go To PDF Page Download Datasheet
SX1230 Datasheet PDF - Semtech Corporation

Part # SX1230
Download  SX1230 Click to download

File Size   886.38 Kbytes
Page   46 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Integrated Transmitter IC Narrow/wideband 315 MHz, 434 MHz 868 MHz and 915 MHz band Transmitter

SX1230 Datasheet (HTML) - Semtech Corporation


SX1230 Product details

GENERAL DESCRIPTION

The SX1230 is a fully integrated transmitter which can operate in the 315, 434, 868 and 915 MHz licence free ISM bands.

The transmitter has two modes of operation, a conventional MCU controlled mode and a ‘stand-alone’ mode which enables the SX1230 to download configuration and messages from an E2PROM in response to a user input.



KEY PRODUCT FEATURES

+17 dBm to -18 dBm Programmable output power.

Bit rates up to 600 kbits / sec.

FSK, GFSK, MSK, GMSK and OOK modulation.

Stand-alone mode: No need for a host MCU.

Consistent RF performance over a 1.8 to 3.7 V range.

Low phase noise (-95 dBc/Hz at 50 kHz) with automated PLL calibration and fully integrated VCO and loop filter.

On chip RC timer for timer / wake-up applications.

Š Low battery detection.



APPLICATIONS

Remote Keyless Entry (RKE)

Remote Control / Security Systems

Voice and Data RF Communication Links

Process and building / home control

Active RFID

AMR / AMI Platforms




Similar Part No. - SX1230

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1230-12SKA SEMTECH-SX1230-12SKA Datasheet
2Mb / 43P
Advanced Mode
More results


Similar Description - SX1230

ManufacturerPart #DatasheetDescription
logo
ams AG
ASCELL3911 AMSCO-ASCELL3911 Datasheet
104Kb / 13P
ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
ASCELL3912 AMSCO-ASCELL3912 Datasheet
122Kb / 14P
ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
logo
Infineon Technologies A...
TDA5100A INFINEON-TDA5100A Datasheet
936Kb / 29P
ASK Transmitter 434 MHz
Version 1.0 March 2001
TDA5101A INFINEON-TDA5101A Datasheet
260Kb / 21P
ASK Transmitter 315 MHz
V 0.2 May 1999
TDA5102 INFINEON-TDA5102 Datasheet
1Mb / 35P
ASK/FSK Transmitter 915 MHz
Version 1.1 October 2001
logo
List of Unclassifed Man...
NRF902 ETC1-NRF902 Datasheet
160Kb / 13P
Single chip 868 MHz Transmitter
logo
Semtech Corporation
XE1202A SEMTECH-XE1202A Datasheet
436Kb / 32P
433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
SX1240 SEMTECH-SX1240 Datasheet
548Kb / 20P
Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
logo
Infineon Technologies A...
PMA51XX INFINEON-PMA51XX Datasheet
5Mb / 202P
RF Transmitter ASK/FSK 315/434/868/915 MHz, Embedded 8051 Microcontroller, 10-bit ADC
Revision 2.1, 2010-06-02
logo
List of Unclassifed Man...
RFM60 ETC2-RFM60 Datasheet
291Kb / 9P
MCU with 315/433/868/915 MHz ISM Band Transmitter Module
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com