Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5102 Datasheet (PDF) - Infineon Technologies AG

TDA5102 Datasheet PDF - Infineon Technologies AG
Part # TDA5102
Download  TDA5102 Download
File Size   1038.49 Kbytes
Page   35 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ASK/FSK Transmitter 915 MHz

TDA5102 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA5102 Datasheet PDF - Infineon Technologies AG

Part # TDA5102
Download  TDA5102 Click to download

File Size   1038.49 Kbytes
Page   35 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ASK/FSK Transmitter 915 MHz

TDA5102 Datasheet (HTML) - Infineon Technologies AG


TDA5102 Product details

General Description
The TDA 5102 is a single chip ASK/FSK transmitter for the frequency band 905-925 MHz. The IC offers a high level of integration and needs only a few external components. The device contains a fully integrated PLL synthesizer and a high efficiency power amplifier to drive a loop antenna. A special circuit design and an unique power amplifier design are used to save current consumption and therefore to save battery life. Additionally features like a power down mode, a low power detect, a selectable crystal oscillator frequency and a divided clock output are implemented. The IC can be used for both ASK and FSK modulation.

Features
■ fully integrated frequency synthesizer
■ VCO without external components
■ high efficiency power amplifier
■ frequency range 905-925 MHz
■ ASK/FSK modulation
■ low supply current (typically 7mA)
■ voltage supply range 2.1 - 4 V
■ power down mode
■ low voltage sensor
■ selectable crystal oscillator 7.15 MHz/14.3 MHz
■ programmable divided clock output for µC
■ low external component count

Applications
■ Keyless entry systems
■ Remote control systems
■ Alarm systems
■ Communication systems




Similar Part No. - TDA5102

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5100 INFINEON-TDA5100 Datasheet
817Kb / 39P
fully integrated frequency synthesizer
Version 2.1 June 2001
TDA5100A INFINEON-TDA5100A Datasheet
936Kb / 29P
ASK Transmitter 434 MHz
Version 1.0 March 2001
TDA5101 INFINEON-TDA5101 Datasheet
260Kb / 21P
ASK Transmitter 315 MHz
V 0.2 May 1999
TDA5101A INFINEON-TDA5101A Datasheet
260Kb / 21P
ASK Transmitter 315 MHz
V 0.2 May 1999
TDA5103 INFINEON-TDA5103 Datasheet
937Kb / 29P
ASK Transmitter 345 MHz
Version 1.0 March 2001
More results


Similar Description - TDA5102

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDK5100 INFINEON-TDK5100 Datasheet
629Kb / 40P
ASK/FSK Transmitter 868/433 MHz
Version 1.0 October 2002
TDK5101 INFINEON-TDK5101 Datasheet
584Kb / 39P
ASK/FSK Transmitter 315 MHz
Version 1.0 October 2002
TDK5110 INFINEON-TDK5110 Datasheet
618Kb / 41P
ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002
TDK5111 INFINEON-TDK5111 Datasheet
588Kb / 39P
ASK/FSK Transmitter 315 MHz
Version 1.1 October 2002
TDA7110 INFINEON-TDA7110 Datasheet
619Kb / 39P
ASK/FSK Transmitter 868/433 MHz
Version 1.0 December 2008
logo
Melexis Microelectronic...
MLX72013 MELEXIS-MLX72013 Datasheet
411Kb / 21P
FSK/ASK Transmitter
EVB72013 MELEXIS-EVB72013 Datasheet
896Kb / 13P
FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_12 Datasheet
376Kb / 15P
FSK/ASK Transmitter
TH72016 MELEXIS-TH72016_12 Datasheet
375Kb / 15P
FSK/ASK Transmitter
TH72015 MELEXIS-TH72015_12 Datasheet
807Kb / 20P
FSK/ASK Transmitter
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com