Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDK5101 Datasheet (PDF) - Infineon Technologies AG

TDK5101 Datasheet PDF - Infineon Technologies AG
Part # TDK5101
Download  TDK5101 Download
File Size   584.84 Kbytes
Page   39 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ASK/FSK Transmitter 315 MHz

TDK5101 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDK5101 Datasheet PDF - Infineon Technologies AG

Part # TDK5101
Download  TDK5101 Click to download

File Size   584.84 Kbytes
Page   39 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ASK/FSK Transmitter 315 MHz

TDK5101 Datasheet (HTML) - Infineon Technologies AG


TDK5101 Product details

General Description
The TDK 5101 is a single chip ASK/ FSK transmitter for the frequency band 311-317 MHz. The IC offers a high level of integration and needs only a few external components. The device contains a fully integrated PLL synthesizer and a high efficiency power amplifier to drive a loop antenna. A special circuit design and an unique power amplifier design are used to save current consumption and therefore to save battery life. Additionally features like a power down mode, a low power detect and a divided clock output are implemented. The IC can be used for both ASK and FSK modulation.

Features
■ fully integrated frequency synthesizer
■ VCO without external components
■ high efficiency power amplifier
■ frequency range 311 ... 317 MHz
■ ASK/FSK modulation
■ low supply current (typically 7mA)
■ voltage supply range 2.1 ... 4 V
■ temperature range -40 ... +125°C
■ power down mode
■ low voltage sensor
■ programmable divided clock output for µC
■ low external component count

Applications
■ Keyless entry systems
■ Remote control systems
■ Alarm systems
■ Communication systems




Similar Part No. - TDK5101

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDK5101F INFINEON-TDK5101F Datasheet
498Kb / 34P
315 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003
TDK5101F INFINEON-TDK5101F Datasheet
1Mb / 40P
315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.3, September 2007
TDK5101F INFINEON-TDK5101F_07 Datasheet
1Mb / 40P
315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.3, September 2007
More results


Similar Description - TDK5101

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3901 AMSCO-AS3901 Datasheet
618Kb / 18P
ISM 433/315 MHz FSK/ASK Transmitter
logo
Infineon Technologies A...
TDA5101A INFINEON-TDA5101A Datasheet
260Kb / 21P
ASK Transmitter 315 MHz
V 0.2 May 1999
TDA5102 INFINEON-TDA5102 Datasheet
1Mb / 35P
ASK/FSK Transmitter 915 MHz
Version 1.1 October 2001
TDK5101F INFINEON-TDK5101F Datasheet
498Kb / 34P
315 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003
TDK5110 INFINEON-TDK5110 Datasheet
618Kb / 41P
ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002
TDK5111 INFINEON-TDK5111 Datasheet
588Kb / 39P
ASK/FSK Transmitter 315 MHz
Version 1.1 October 2002
TDA7110 INFINEON-TDA7110 Datasheet
619Kb / 39P
ASK/FSK Transmitter 868/433 MHz
Version 1.0 December 2008
TDK5101F INFINEON-TDK5101F_07 Datasheet
1Mb / 40P
315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.3, September 2007
TDK5111F INFINEON-TDK5111F Datasheet
893Kb / 36P
315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, September 2007
logo
Melexis Microelectronic...
TH7107 MELEXIS-TH7107 Datasheet
376Kb / 16P
315/433MHz FSK/FM/ASK Transmitter
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com