Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5101A Datasheet (PDF) - Infineon Technologies AG

TDA5101A Datasheet PDF - Infineon Technologies AG
Part # TDA5101A
Download  TDA5101A Download
File Size   260.64 Kbytes
Page   21 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ASK Transmitter 315 MHz

TDA5101A Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA5101A Datasheet PDF - Infineon Technologies AG

Part # TDA5101A
Download  TDA5101A Click to download

File Size   260.64 Kbytes
Page   21 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ASK Transmitter 315 MHz

TDA5101A Datasheet (HTML) - Infineon Technologies AG


TDA5101A Product details

General Description

The TDA5101A is a single chip ASK transmitter for the frequency band 315 MHz. The IC offers a high level of integration and needs only a few external components. The device contains a fully integrated PLL synthesizer and a high efficiency power amplifier to drive a loop antenna. A special circuit design and an unique power amplifier design are used to save current consumption and therefore to save battery live. Additionally features like a power down mode, a low power detect and a divided clock output are implemented.



Features

■ fully integrated frequency synthesizer

■ VCO without external components

■ high efficiency power amplifier

■ frequency range 315 MHz

■ ASK modulation

■ low supply current (typically < 7mA)

■ voltage supply range 2.1 - 4 V

■ power down mode

■ low voltage sensor

■ low external component count



Applications

■ Keyless entry systems

■ Remote control systems

■ Alarm systems

■ Communication systems




Similar Part No. - TDA5101A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5100 INFINEON-TDA5100 Datasheet
817Kb / 39P
fully integrated frequency synthesizer
Version 2.1 June 2001
TDA5100A INFINEON-TDA5100A Datasheet
936Kb / 29P
ASK Transmitter 434 MHz
Version 1.0 March 2001
TDA5102 INFINEON-TDA5102 Datasheet
1Mb / 35P
ASK/FSK Transmitter 915 MHz
Version 1.1 October 2001
TDA5103 INFINEON-TDA5103 Datasheet
937Kb / 29P
ASK Transmitter 345 MHz
Version 1.0 March 2001
TDA5103A INFINEON-TDA5103A Datasheet
937Kb / 29P
ASK Transmitter 345 MHz
Version 1.0 March 2001
More results


Similar Description - TDA5101A

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3901 AMSCO-AS3901 Datasheet
618Kb / 18P
ISM 433/315 MHz FSK/ASK Transmitter
logo
Infineon Technologies A...
TDA5100A INFINEON-TDA5100A Datasheet
936Kb / 29P
ASK Transmitter 434 MHz
Version 1.0 March 2001
TDA5103A INFINEON-TDA5103A Datasheet
937Kb / 29P
ASK Transmitter 345 MHz
Version 1.0 March 2001
TDK5101 INFINEON-TDK5101 Datasheet
584Kb / 39P
ASK/FSK Transmitter 315 MHz
Version 1.0 October 2002
TDK5101F INFINEON-TDK5101F Datasheet
498Kb / 34P
315 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003
TDK5111 INFINEON-TDK5111 Datasheet
588Kb / 39P
ASK/FSK Transmitter 315 MHz
Version 1.1 October 2002
TDK5101F INFINEON-TDK5101F_07 Datasheet
1Mb / 40P
315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.3, September 2007
TDK5111F INFINEON-TDK5111F Datasheet
893Kb / 36P
315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, September 2007
logo
Holtek Semiconductor In...
HT9831 HOLTEK-HT9831 Datasheet
112Kb / 9P
315/433MHz ASK Transmitter
logo
Melexis Microelectronic...
TH71071 MELEXIS-TH71071 Datasheet
254Kb / 10P
315/433MHz ASK Transmitter / LO Source
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com