Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5103 Datasheet (PDF) - Infineon Technologies AG

TDA5103 Datasheet PDF - Infineon Technologies AG
Part # TDA5103
Download  TDA5103 Download
File Size   937.09 Kbytes
Page   29 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ASK Transmitter 345 MHz

TDA5103 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA5103 Datasheet PDF - Infineon Technologies AG

Part # TDA5103
Download  TDA5103 Click to download

File Size   937.09 Kbytes
Page   29 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ASK Transmitter 345 MHz

TDA5103 Datasheet (HTML) - Infineon Technologies AG


TDA5103 Product details

General Description
The TDA 5103A is a single chip ASK transmitter for the frequency band 344-347 MHz. The IC offers a high level of integration and needs only a few external components. The device contains a fully integrated PLL synthesizer and a high efficiency power amplifier to drive a loop antenna. A special circuit design and an unique power amplifier design are used to save current consumption and therefore to save battery life. Additionally features like a power down mode, a low power detect and a divided clock output are implemented.

Features
■ fully integrated frequency synthesizer
■ VCO without external components
■ high efficiency power amplifier
■ frequency range 344-347 MHz
■ ASK modulation
■ low supply current (typically 7mA)
■ voltage supply range 2.1 - 4 V
■ power down mode
■ low voltage sensor
■ clock output for µC
■ low external component count

Applications
■ Keyless entry systems
■ Remote control systems
■ Alarm systems
■ Communication systems




Similar Part No. - TDA5103

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5100 INFINEON-TDA5100 Datasheet
817Kb / 39P
fully integrated frequency synthesizer
Version 2.1 June 2001
TDA5100A INFINEON-TDA5100A Datasheet
936Kb / 29P
ASK Transmitter 434 MHz
Version 1.0 March 2001
TDA5101 INFINEON-TDA5101 Datasheet
260Kb / 21P
ASK Transmitter 315 MHz
V 0.2 May 1999
TDA5101A INFINEON-TDA5101A Datasheet
260Kb / 21P
ASK Transmitter 315 MHz
V 0.2 May 1999
TDA5102 INFINEON-TDA5102 Datasheet
1Mb / 35P
ASK/FSK Transmitter 915 MHz
Version 1.1 October 2001
More results


Similar Description - TDA5103

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3902 AMSCO-AS3902 Datasheet
348Kb / 14P
ISM 433 MHz ASK Transmitter
logo
Infineon Technologies A...
TDA5100A INFINEON-TDA5100A Datasheet
936Kb / 29P
ASK Transmitter 434 MHz
Version 1.0 March 2001
TDA5101A INFINEON-TDA5101A Datasheet
260Kb / 21P
ASK Transmitter 315 MHz
V 0.2 May 1999
TDA5102 INFINEON-TDA5102 Datasheet
1Mb / 35P
ASK/FSK Transmitter 915 MHz
Version 1.1 October 2001
TDK5100 INFINEON-TDK5100 Datasheet
629Kb / 40P
ASK/FSK Transmitter 868/433 MHz
Version 1.0 October 2002
TDK5101 INFINEON-TDK5101 Datasheet
584Kb / 39P
ASK/FSK Transmitter 315 MHz
Version 1.0 October 2002
TDK5110 INFINEON-TDK5110 Datasheet
618Kb / 41P
ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002
TDK5111 INFINEON-TDK5111 Datasheet
588Kb / 39P
ASK/FSK Transmitter 315 MHz
Version 1.1 October 2002
TDA7110 INFINEON-TDA7110 Datasheet
619Kb / 39P
ASK/FSK Transmitter 868/433 MHz
Version 1.0 December 2008
logo
Melexis Microelectronic...
TH72002 MELEXIS-TH72002_12 Datasheet
700Kb / 20P
ASK Transmitter
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com