Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3902 Datasheet (PDF) - ams AG

AS3902 Datasheet PDF - ams AG
Part # AS3902
Download  AS3902 Download
File Size   348.58 Kbytes
Page   14 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description ISM 433 MHz ASK Transmitter

AS3902 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS3902 Datasheet PDF - ams AG

Part # AS3902
Download  AS3902 Click to download

File Size   348.58 Kbytes
Page   14 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description ISM 433 MHz ASK Transmitter

AS3902 Datasheet (HTML) - ams AG


AS3902 Product details

General Description
The AS3902 is a single channel low power 433 MHz ASK transmitter. It uses a fully integrated PLL stabilized RF-oscillator which avoids frequency pulling by approaching the antenna with objects as it occurs at SAW resonator based transmitters. ASK modulation is performed by switching the transmitter on and off by an applied data stream.
The AS3902 contains a bi-directional three line micro-controller (µC) interface to support the
µC with a clock and a reset signal and to operate the highly efficient power up/down management (including clock-free total shut-down) of the AS3902 by the µC.
As external components the AS3902 need only a reference XTAL, three capacitors and up to two resistors.

Key Features
• Supports the European 433 MHz ISM band.
• No frequency pulling by (antenna) load variation due to PLL synthesizer.
• Designed to be conform to EN 300 220-1 requirements.
• ASK data rate range from 0 to 32 kbit/s.
• Supports clock and reset signals for the external µC. Therefore no separate µC XTAL is required.
• Supports total shut down mode without any running XTAL oscillator.
• Typically 2 external resistors and 3 capacitors required.
• FSK operation by XTAL pulling possible.
• 315 MHz US ISM band application possible.
• Wide supply range between 2.7 V to 5 V.
• Low TX current, typical 8 mA @ transmitting a High (“H“), 1 mA @ transmitting a Low (“L“).
• Wide operating temperature range from –40 °C to +85 °C.
• Miniature surface mount 8 pin MSOP (preferred) or SOIC package.

Applications
• Short range radio data transmission.
• Remote keyless entry systems.
• Domestic and consumer remote control units.
• Cordless alarm systems.
• Remote metering.
• Low power telemetry.




Similar Part No. - AS3902

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AS39029/29-214 TEC-AS39029/29-214 Datasheet
295Kb / 4P
HIGH-POWER CONTACTS
AS39029/29-215 TEC-AS39029/29-215 Datasheet
295Kb / 4P
HIGH-POWER CONTACTS
AS39029/29-216 TEC-AS39029/29-216 Datasheet
295Kb / 4P
HIGH-POWER CONTACTS
AS39029/30-220 TEC-AS39029/30-220 Datasheet
295Kb / 4P
HIGH-POWER CONTACTS
AS39029/30-221 TEC-AS39029/30-221 Datasheet
295Kb / 4P
HIGH-POWER CONTACTS
More results


Similar Description - AS3902

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3901 AMSCO-AS3901 Datasheet
618Kb / 18P
ISM 433/315 MHz FSK/ASK Transmitter
ASCELL3911 AMSCO-ASCELL3911 Datasheet
104Kb / 13P
ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
ASCELL3912 AMSCO-ASCELL3912 Datasheet
122Kb / 14P
ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
logo
Infineon Technologies A...
TDK5100 INFINEON-TDK5100 Datasheet
629Kb / 40P
ASK/FSK Transmitter 868/433 MHz
Version 1.0 October 2002
TDK5110 INFINEON-TDK5110 Datasheet
618Kb / 41P
ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002
TDA7110 INFINEON-TDA7110 Datasheet
619Kb / 39P
ASK/FSK Transmitter 868/433 MHz
Version 1.0 December 2008
logo
AUREL S.p.A.
650201131G AUREL-650201131G Datasheet
440Kb / 1P
433 MHz ASK SAW - FR4 Substrate Trasmettitore 433 MHz ASK SAW su FR4
650201409G AUREL-650201409G Datasheet
124Kb / 1P
433 MHz ASK transmitter for high range voltage supply application
15.10.2016 - Rev A
650201459G AUREL-650201459G Datasheet
1Mb / 1P
433 MHz ASK transmitter for external antenna connection
11.06.2018 - Rev A
650201460G AUREL-650201460G Datasheet
1Mb / 1P
433 MHz ASK transmitter with integrated antenna
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com