Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3902 Datasheet(PDF) 3 Page - ams AG

Part # AS3902
Description  ISM 433 MHz ASK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3902 Datasheet(HTML) 3 Page - ams AG

  AS3902 Datasheet HTML 1Page - ams AG AS3902 Datasheet HTML 2Page - ams AG AS3902 Datasheet HTML 3Page - ams AG AS3902 Datasheet HTML 4Page - ams AG AS3902 Datasheet HTML 5Page - ams AG AS3902 Datasheet HTML 6Page - ams AG AS3902 Datasheet HTML 7Page - ams AG AS3902 Datasheet HTML 8Page - ams AG AS3902 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ISM 433 MHz ASK Transmitter – Preliminary Data Sheet
AS3902
Rev. A7, December 2000
Page 3 of 14
MSOP-8 (or SOIC-8)
1
2
3
4
NRES/PD
TXD
XTAL
CLK/NWUP
ANT2
GND
ANT1
VDD
8
7
6
5
This document contains information on products under development. Austria Mikro Systeme
International AG reserves the right to change or discontinue this product without notice.
1
Functional Descriptio n
The AS3902 consists of a reference XTAL oscillator, a single channel RF- synthesizer, a driv-
ing amplifier and a µC interface, including microprocessor clock divider and a sophisticated
power up/down circuitry.
Driving
Amplifier.
13.560 MHz
XTAL
Loop-
Filter
Synthesizer
XTAL
Oscillator
VCO
on/off
µC Interface +
Power up/down
f =433.920 MHz
VDD
ANT1
ANT2
GND
5
6
7
8
VDD
NRES/PD
TXD
XTAL
CLK/NWUP
4
3
2
1
on/off
Clock
Divider
1/32
Phase
detector
Figure 1:
Block diagram of the AS3902.
1.1 RF Synthesizer
The RF synthesizer is a fully integrated single channel device with internal loop filter, generat-
ing the 433 MHz transmit carrier frequency fRF by a fix, 32 times, multiplication of the reference
XTAL frequency fXTAL.
1.2 Microprocessor Clock
The microprocessor clock frequency fCLK is generated by dividing the XTAL frequency fXTAL
by 4.
AS3902



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com