Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3902 Datasheet(PDF) 12 Page - ams AG

Part # AS3902
Description  ISM 433 MHz ASK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3902 Datasheet(HTML) 12 Page - ams AG

Back Button AS3902 Datasheet HTML 6Page - ams AG AS3902 Datasheet HTML 7Page - ams AG AS3902 Datasheet HTML 8Page - ams AG AS3902 Datasheet HTML 9Page - ams AG AS3902 Datasheet HTML 10Page - ams AG AS3902 Datasheet HTML 11Page - ams AG AS3902 Datasheet HTML 12Page - ams AG AS3902 Datasheet HTML 13Page - ams AG AS3902 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ISM 433 MHz ASK Transmitter – Preliminary Data Sheet
AS3902
Rev. A7, December 2000
Page 12 of 14
Figure 9:
Modulation bandwidth of the AS3902 at 16 kbit/s, measured close to the ETSI
EN 300 220-1 recommendation for wide-band equipment, clause 8.6. (Only difference:
5 kHz VBW was used instead of 10 kHz). From EN 300 220-1 the modulation bandwidth
is defined to be the frequency difference between the points wherein the power level is
above -36 dBm. Therefore the bandwidth value is dependent on the E.I.R.P. and should
be within the ISM band limits. The marker settings correspond to the limits of the
433 MHz ISM band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com