Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3902 Datasheet(PDF) 7 Page - ams AG

Part # AS3902
Description  ISM 433 MHz ASK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3902 Datasheet(HTML) 7 Page - ams AG

Back Button AS3902 Datasheet HTML 3Page - ams AG AS3902 Datasheet HTML 4Page - ams AG AS3902 Datasheet HTML 5Page - ams AG AS3902 Datasheet HTML 6Page - ams AG AS3902 Datasheet HTML 7Page - ams AG AS3902 Datasheet HTML 8Page - ams AG AS3902 Datasheet HTML 9Page - ams AG AS3902 Datasheet HTML 10Page - ams AG AS3902 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ISM 433 MHz ASK Transmitter – Preliminary Data Sheet
AS3902
Rev. A7, December 2000
Page 7 of 14
2.3 ASK Operation
TAMB = 23 °C, VDD = 3.0 V, unless specified otherwise.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Note
fRF
Transmit frequency
(Europe)
fXTAL = 13.560 MHz
433,920
MHz
1)
POUT,H
Available output power
In 2 k
Ω, TXD = “H“
0
dBm
2)
POUT,L
Leakage output power
In 2 k
Ω, TXD = “L“
-inf.
-80
dBm
POUT 3rd
Radiated third harmonic
output power
Antenna attenuation
> 20 dB
-30
dBC
PSP
Spurious power
In distance of fCLK or
fXTAL from carrier.
-25
dBC
3)
fCLK
µC clock frequency
3.390
MHz
tSWM
Minimum switch close
time
1
ms
tSTUP
Start up time
Until clock output
2
ms
tDRON
Driving amplifier turn on
delay
21
µs
RASK
ASK data rate range
For a RF packet duty
cycle
≥45 %.
0
32
kb/s
4)
tr,f
Carrier rise / fall time
8
µs
Note:
1)
XTAL tolerances will slightly change the typical transmit frequency.
2)
Output power depends on load impedance, differential output current is typical 0.7 mArms. Maximum differential voltage swing
is typical 4 VPP (1.4 VRMS). Actual E.I.R.P. depends on antenna efficiency.
3)
Measurement bandwidth (according to EN 300 220-1) see also figure 10. Actual radiated spurious power depends on antenna
efficentcy and antenna selectivity. Measured with loop antenna (demo board).
4)
Guaranteed, higher data rates possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com