Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3902 Datasheet(PDF) 8 Page - ams AG

Part # AS3902
Description  ISM 433 MHz ASK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3902 Datasheet(HTML) 8 Page - ams AG

Back Button AS3902 Datasheet HTML 4Page - ams AG AS3902 Datasheet HTML 5Page - ams AG AS3902 Datasheet HTML 6Page - ams AG AS3902 Datasheet HTML 7Page - ams AG AS3902 Datasheet HTML 8Page - ams AG AS3902 Datasheet HTML 9Page - ams AG AS3902 Datasheet HTML 10Page - ams AG AS3902 Datasheet HTML 11Page - ams AG AS3902 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ISM 433 MHz ASK Transmitter – Preliminary Data Sheet
AS3902
Rev. A7, December 2000
Page 8 of 14
2.4 Digital Pin Characteristics
TAMB = 23 °C, VDD = 3.0 V, unless specified otherwise. GND is the 0 V reference.
Input parameters for bi-directional pins (CLK/NWUP, NRES/PD) are valid at disabled outputs.
Symbol Parameter
Conditions
Min
Typ
Max
Units
Note
CLK/NWUP (µC clock output / wake-up input)
VOH
High level output voltage IOH =-1 mA
VDD-0.5
-
V
VOL
Low level output voltage IOL =1 mA
-
0.6
V
tr
Rise time
CLoad = 10 pF
20
ns
td
Fall time
CLoad = 10 pF
20
ns
jcc
Cycle to cycle jitter
+/-5
%
1)
VIH
High level input voltage
VDD-0.5
-
V
VIL
Low level input voltage
-
0.3
V
IIH
High level input current
VIH = VDD
1
µA
IIL
Low level input current
VIL =0 V; Due to
internal pull-up
-17
µA
2)
TX (serial data input)
VIH
High level input voltage
VDD-0.5
-
V
VIL
Low level input voltage
-
0.3
V
IIH
High level input current
VIH= VDD; Due to
internal pull-down
35
µA
IIL
Low level input current
VIL =0 V
-1
µA
NRES/PD (µC reset output / transmitter power down input)
VOH
High level output voltage IOH = -1mA
VDD-0.5
-
V
VOL
Low level output voltage IOL = 1mA
-
0.6
V
VIH
High level input voltage
VDD-0.5
-
V
VIL
Low level input voltage
-
0.3
V
IIH
High level input current
VIH = VDD
1
µA
IIL
Low level input current
VIL =0 V; Due to
internal pull-up
-17
µA
2)
Note:
1)
guaranteed by design
2)
cf. Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com