Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3902 Datasheet(PDF) 4 Page - ams AG

Part # AS3902
Description  ISM 433 MHz ASK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3902 Datasheet(HTML) 4 Page - ams AG

  AS3902 Datasheet HTML 1Page - ams AG AS3902 Datasheet HTML 2Page - ams AG AS3902 Datasheet HTML 3Page - ams AG AS3902 Datasheet HTML 4Page - ams AG AS3902 Datasheet HTML 5Page - ams AG AS3902 Datasheet HTML 6Page - ams AG AS3902 Datasheet HTML 7Page - ams AG AS3902 Datasheet HTML 8Page - ams AG AS3902 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ISM 433 MHz ASK Transmitter – Preliminary Data Sheet
AS3902
Rev. A7, December 2000
Page 4 of 14
1.3 Modulation
ASK modulation with a data rate from 0 up to 32 kbit/s (for continuous 101010… modulation
pattern) is done by turning the synthesizer and the driving amplifier on and off, whereas a TXD
= “H“means a turned on state.
When TXD = “H“, at first the synthesizer is turned on. The following turning on of the driving
amplifier is internally delayed for tDRON of 21 µs (=72 clock pulses of the µC clock) to allow the
synthesizer to lock and settle its frequency prior to transmitting. When TXD becomes “L“, both,
synthesizer and driving amplifier are turned off to save power. In this case the synthesizer turn
off is delayed for 21 µs.
1.4 Driving Amplifier
The driving amplifier has a differential open collector output optimized for driving of small,
symmetrical high-impedance loop antennas. The amplifier drives a nominal RF current of
0.7 mArms. The maximal differential voltage swing is about 4 VPP (1.4 VRMS). Therefore the out-
put power is a function of the connected load impedance. With a 2 k
Ω differential load a nomi-
nal output power (to the antenna) of
≈1 mW is obtained. Please note that the finally radiated
power (from antenna) is lower and strongly dependent on the efficiency (function of the size)
of the antenna to be used.
1.5 µC Interface and Power Management
The AS3902 contains a direct interface to a microcontroller (
µC). The µC interface of the
AS3902 consists of the following three pins:
“Transmit data input“(TXD).
“Active “L“µC reset output/transmitter power down input“(NRES/PD).
“µC clock output/active “L“wake-up input“(CLK/NWUP).
These lines support the µC with the required reset and clock signals and control the AS3902
internal power on/off circuit which wakes up and shuts down the whole transmitter consisting
of the AS3902 and the µC.
Figure 2 shows a typical interconnection of the AS3902 with a typical µC. Figure 3 presents a
related timing for power up and down of the transmitter.
P1 SERIAL DATA OUT
P2 END TRANSMIT
NRESET
CLOCK
CLK/NWUP
TXD
NRES/PD
10k
uC
10k
Transmit
switch
SW
I
O
O
I/O
I/O
I
I
Figure 2:
Interconnection of the AS3902 with a typical µC.
Note:
At room temperature, resistor values of
≈10 kΩ are suggested for the µC interface.
For other temperatures to be calculated from figure 6.
AS3902



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com