Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3902 Datasheet(PDF) 13 Page - ams AG

Part # AS3902
Description  ISM 433 MHz ASK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3902 Datasheet(HTML) 13 Page - ams AG

Back Button AS3902 Datasheet HTML 6Page - ams AG AS3902 Datasheet HTML 7Page - ams AG AS3902 Datasheet HTML 8Page - ams AG AS3902 Datasheet HTML 9Page - ams AG AS3902 Datasheet HTML 10Page - ams AG AS3902 Datasheet HTML 11Page - ams AG AS3902 Datasheet HTML 12Page - ams AG AS3902 Datasheet HTML 13Page - ams AG AS3902 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ISM 433 MHz ASK Transmitter – Preliminary Data Sheet
AS3902
Rev. A7, December 2000
Page 13 of 14
Figure 10:
Spurious emissions of the AS3902 measured close to the ETSI EN 300 220-1 recom-
mendation for wide-band equipment, clause 8.7, without modulation, transmitting a con-
stant “H“. (Only difference: 100 kHz RBW was used instead of 120 kHz). The highest
spurious emissions are generated at a carrier distance of 3.39 MHz (
µC clock frequency).
The EN 300 220-1 specifies an absolute level of -36 dBm E.I.R.P. for spurious emissions.
This limits the maximum E.I.R.P. for a transmitter using the AS3902 to about -11 dBm.
Measurement was performed over a free-space link using R&S HL040 antenna for re-
ception.
Figure 11:
Demodulated RF wave for 10101… data pattern at 32kbit/s (linear scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com