Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3902 Datasheet(PDF) 14 Page - ams AG

Part # AS3902
Description  ISM 433 MHz ASK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3902 Datasheet(HTML) 14 Page - ams AG

Back Button AS3902 Datasheet HTML 6Page - ams AG AS3902 Datasheet HTML 7Page - ams AG AS3902 Datasheet HTML 8Page - ams AG AS3902 Datasheet HTML 9Page - ams AG AS3902 Datasheet HTML 10Page - ams AG AS3902 Datasheet HTML 11Page - ams AG AS3902 Datasheet HTML 12Page - ams AG AS3902 Datasheet HTML 13Page - ams AG AS3902 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
ISM 433 MHz ASK Transmitter – Preliminary Data Sheet
AS3902
Rev. A7, December 2000
Page 14 of 14
6
Package Informatio n
Figure 12:
Physical package dimensions.
Symbol
8 pin SOIC Dimensions
8 pin MSOP Dimensions
Minimal
(mm/mil)
Nominal
(mm/mil)
Maximal
(mm/mil)
Minimal
(mm/mil)
Nominal
(mm/mil)
Maximal
(mm/mil)
A
1.35/0.053
1.75/0.069
0.94/0.037
1.01/0.04
1.09/0.043
A1
0.10/0.004
0.25/0.010
0.05/0.002
0.10/0.004
0.15/0.006
b
0.33/0.013
0.51/0.020
0.32/0.0125
0.33/0.0130
0.34/0.0135
D
4.80/0.189
-
5.00/0.197
2.90/0.114
3.00/0.118
3.10/0.122
e
1.27/0.050
0.65/0.0256 BSC
E
5.80/0.228
6.20/0.244
4.75/0.187
4.90/0.193
5.05/0.199
E1
3.80/0.150
-
4.00/0.157
2.90/0.114
0.30/0.118
3.10/0.122
L
0.40/0.016
1.27/0.050
0.53/0.0209
0.55/0.0215
0.56/0.0221
α
0°
8°
0°
3°
6°
AS's are functional and in-spec circuits which are usually available as samples with documentation and demoboard. However they are
intentionally to be used as a basis for ASIC derivatives. If an AS fits into a customer's application as it is, it will be immediately qualified
and transfered to an ASSP to be ordered as a regular AS product.
Copyright
© 2000, Austria Mikro Systeme International AG, Schloß Premstätten, 8141 Unterpremstätten, Austria.
Telefon +43-(0)3136-500-0, Telefax +43-(0)3136-52501, E-Mail info@amsint.com
All rights reserved. No part of this publication may be reproduced, stored in a retrieval system, or transmitted, in any form or by any
means, without the prior permission in writing by the copyright holder. To the best of its knowledge, Austria Mikro Systeme International
asserts that the information contained in this publication is accurate and correct.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com