Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3901 Datasheet (PDF) - ams AG

AS3901 Datasheet PDF - ams AG
Part # AS3901
Download  AS3901 Download
File Size   618.95 Kbytes
Page   18 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description ISM 433/315 MHz FSK/ASK Transmitter

AS3901 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS3901 Datasheet PDF - ams AG

Part # AS3901
Download  AS3901 Click to download

File Size   618.95 Kbytes
Page   18 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description ISM 433/315 MHz FSK/ASK Transmitter

AS3901 Datasheet (HTML) - ams AG


AS3901 Product details

General Description
The AS3901 is a low power FSK/ (ASK) transmitter intended for the European 433 MHz and the US 315 MHz ISM band application. It uses a PLL stabilized oscillator which avoids frequency pulling by approaching the antenna with objects as it occurs at SAW resonator based transmitters.

Key Features
· Supports the European 433 MHz ISM band.
· No frequency pulling by (antenna) load variation due to PLL synthesizer.
· Designed to be conform to EN 300 220-1 requirements.
· Supports FSK (data rates 0… 32 kb/s) or ASK modulation (data rates 0… 20kb/s)
· No data synchronization for FSK or ASK needed.
· Supports clock and reset signals for the external µC.
· Supports different power down modes, one without any running XTAL oscillator.
· Wide supply range between 2.7 V to 5 V.
· Only one XTAL and very few external elements required.
· Wide operating temperature range from –40 C to +85 C.
· Low TX current, typical 7 mA

Applications
· Short range radio data transmission.
· Remote keyless entry systems.
· Security applications and alarm systems.
· Domestic and consumer remote control units.
· Remote metering.
· Low power telemetry.




Similar Part No. - AS3901

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3900 AMSCO-AS3900 Datasheet
1Mb / 59P
27MHz Low Power Star Network Transceiver
AS3900-BQFT AMSCO-AS3900-BQFT Datasheet
1Mb / 59P
27MHz Low Power Star Network Transceiver
AS3902 AMSCO-AS3902 Datasheet
348Kb / 14P
ISM 433 MHz ASK Transmitter
logo
TE Connectivity Ltd
AS39029/29-214 TEC-AS39029/29-214 Datasheet
295Kb / 4P
HIGH-POWER CONTACTS
AS39029/29-215 TEC-AS39029/29-215 Datasheet
295Kb / 4P
HIGH-POWER CONTACTS
More results


Similar Description - AS3901

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3902 AMSCO-AS3902 Datasheet
348Kb / 14P
ISM 433 MHz ASK Transmitter
ASCELL3911 AMSCO-ASCELL3911 Datasheet
104Kb / 13P
ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
ASCELL3912 AMSCO-ASCELL3912 Datasheet
122Kb / 14P
ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
logo
Infineon Technologies A...
TDK5100 INFINEON-TDK5100 Datasheet
629Kb / 40P
ASK/FSK Transmitter 868/433 MHz
Version 1.0 October 2002
TDK5101 INFINEON-TDK5101 Datasheet
584Kb / 39P
ASK/FSK Transmitter 315 MHz
Version 1.0 October 2002
TDK5110 INFINEON-TDK5110 Datasheet
618Kb / 41P
ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002
TDK5111 INFINEON-TDK5111 Datasheet
588Kb / 39P
ASK/FSK Transmitter 315 MHz
Version 1.1 October 2002
TDA7110 INFINEON-TDA7110 Datasheet
619Kb / 39P
ASK/FSK Transmitter 868/433 MHz
Version 1.0 December 2008
TDK5111F INFINEON-TDK5111F Datasheet
893Kb / 36P
315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, September 2007
logo
Melexis Microelectronic...
TH7107 MELEXIS-TH7107 Datasheet
376Kb / 16P
315/433MHz FSK/FM/ASK Transmitter
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com