Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3901 Datasheet(PDF) 10 Page - ams AG

Part # AS3901
Description  ISM 433/315 MHz FSK/ASK Transmitter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3901 Datasheet(HTML) 10 Page - ams AG

Back Button AS3901 Datasheet HTML 6Page - ams AG AS3901 Datasheet HTML 7Page - ams AG AS3901 Datasheet HTML 8Page - ams AG AS3901 Datasheet HTML 9Page - ams AG AS3901 Datasheet HTML 10Page - ams AG AS3901 Datasheet HTML 11Page - ams AG AS3901 Datasheet HTML 12Page - ams AG AS3901 Datasheet HTML 13Page - ams AG AS3901 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ISM 433/315 MHz FSK/ASK Transmitter – Data Sheet
AS3901
Rev. 6, August 2000
Page 10 of 18
2.3.2 FSK Operation
TAMB = 23 °C, VDD = 3.0 V, unless specified otherwise.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Note
POUT,FSK Available peak output
power
In 2 k
Ω, STDBY = ”L”,
TX/ASK = ”H”
-1.5
0
1.5
dBm
1) 3)
POUT 3rd
Radiated third harmonic
output power
Antenna and band pass
filter attenuation> 20 dB
-36
dBm
2)
PSP
Spurious power
In distance of fCLK or
fXTAL from carrier. No
antenna selectivity
assumed.
-45
-25
dBC
2) 3)
RFSK
FSK data rate range
0
32
kb/s
4)
∆f
FSK frequency deviation
16
kHz
Note:
1)
Output power depends on load impedance, differential output current is typical 0.7 mAms. Maximum differential voltage
swing is typical 4 VPP.
2)
Measurement bandwidth (close to EN 300 220-1) see also figure 10.
3)
Actual E.R.P. depends on antenna efficiency
4)
Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com