Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3901 Datasheet(PDF) 16 Page - ams AG

Part # AS3901
Description  ISM 433/315 MHz FSK/ASK Transmitter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3901 Datasheet(HTML) 16 Page - ams AG

Back Button AS3901 Datasheet HTML 10Page - ams AG AS3901 Datasheet HTML 11Page - ams AG AS3901 Datasheet HTML 12Page - ams AG AS3901 Datasheet HTML 13Page - ams AG AS3901 Datasheet HTML 14Page - ams AG AS3901 Datasheet HTML 15Page - ams AG AS3901 Datasheet HTML 16Page - ams AG AS3901 Datasheet HTML 17Page - ams AG AS3901 Datasheet HTML 18Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
ISM 433/315 MHz FSK/ASK Transmitter – Data Sheet
AS3901
Rev. 6, August 2000
Page 16 of 18
Figure 8:
Modulation bandwidth of the AS3901 in AKS operation at 9.2 kbit/s, measured
close to the EN 300-220-1 recommendatio for wide-band equipment, clause 8.6.
Instead of 5 kHz video bandwidth (VBW) 10 kHz was used. The markers were set
up to the band edges. (433.050 MHz, 434.790 MHz) The recommendation says
that the spectrum should be observed at least 1 MHz from the ISM band edges,
but it was measured with larger frequency span.
Figure 9:
Spurious emissions of the AS3901 in FSK operation, measured close to the EN 300-220-
1Recommendation for wide-band equipment, clause 8.7, without modulation. (Only
difference: 100 kHz RBW was used instead of 120 kHz). From the measurement it can be
seen that the main critical spurious emission is generated by the 13.56 MHz clock frequency.
The level of CLK spurious is near –48 dBM so the suppression is 45 dB for this component.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com