Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3901 Datasheet(PDF) 4 Page - ams AG

Part # AS3901
Description  ISM 433/315 MHz FSK/ASK Transmitter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3901 Datasheet(HTML) 4 Page - ams AG

  AS3901 Datasheet HTML 1Page - ams AG AS3901 Datasheet HTML 2Page - ams AG AS3901 Datasheet HTML 3Page - ams AG AS3901 Datasheet HTML 4Page - ams AG AS3901 Datasheet HTML 5Page - ams AG AS3901 Datasheet HTML 6Page - ams AG AS3901 Datasheet HTML 7Page - ams AG AS3901 Datasheet HTML 8Page - ams AG AS3901 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ISM 433/315 MHz FSK/ASK Transmitter – Data Sheet
AS3901
Rev. 6, August 2000
Page 4 of 18
1
Functional Descriptio n
The AS3901 consists of a reference XTAL oscillator, a single channel RF- synthesizer,
an I/Q based asynchronous continuos phase FSK modulator, a driving amplifier and a
µC interface, including µC clock divider, and a power management circuitry.
AS3901
SSB signal
generation
ANT2
VDDRF
433
XTAL1
f =433.920 MHz
VDD
TX
4
STDBY
CLK
DATA
3
2
1
Driving
Amplifier.
Loop-
Filter
Synthesizer
XTAL
Oscillator
VCO
Clock
13.560 MHz
XTAL
GND
VDD
XTAL2
7
6
5
NRES
GNDRF
ANT1
14
13
12
11
10
9
8
Phase
Detector
Divider
32:1
µC Interface +
Power up/down
Figure 1:
Block diagram of the AS3901.
1.1 RF Synthesizer
The RF synthesizer is a fully integrated single channel device with internal loop filter,
generating the 433 MHz or 315 MHz transmit carrier frequency fRF by a fix, 32 times,
multiplication of the reference XTAL frequency fXTAL.
1.2 Microprocessor Clock
The microprocesor clock frequency fCLK is generated by dividing the XTAL frequency fXTAL
by 3 or 4, dependent on the 433/315 MHz selection pin to keep the µC clock frequency
fCLK almost constant for European and US applications.
1.3 Modulation
The FSK modulator is an I/Q modulator based continuos phase FSK modulator. The
modulating NRZ data may be in the range of 0 up to 32 kbit/s. The FSK frequency
deviation
∆f is ≈16 kHz, independent of the data rate. It is also kept almost constant for
both transmit frequency bands by selecting proper frequency deviation multiplication
factors of the XTAL reference frequency by the 433/315 MHz selection pin.
The processing clock of the data source can be different from the AS3901 reference
XTAL or µC clock fCLK and no data synchronization of the FSK modulator is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com