Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3901 Datasheet(PDF) 8 Page - ams AG

Part # AS3901
Description  ISM 433/315 MHz FSK/ASK Transmitter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3901 Datasheet(HTML) 8 Page - ams AG

Back Button AS3901 Datasheet HTML 4Page - ams AG AS3901 Datasheet HTML 5Page - ams AG AS3901 Datasheet HTML 6Page - ams AG AS3901 Datasheet HTML 7Page - ams AG AS3901 Datasheet HTML 8Page - ams AG AS3901 Datasheet HTML 9Page - ams AG AS3901 Datasheet HTML 10Page - ams AG AS3901 Datasheet HTML 11Page - ams AG AS3901 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ISM 433/315 MHz FSK/ASK Transmitter – Data Sheet
AS3901
Rev. 6, August 2000
Page 8 of 18
2
Electrical Characteristic s
2.1 Absolute Maximum Ratings ( non operating)
Symbol
Parameter
Min
Max
Units
Note
VDD
Positive supply voltage
-0.5
7
V
GND
Negative supply voltage
0
0
V
VIN
Voltage on input pins
-0.5
VDD+0.5
V
ESD
Electrostatic discharge
1000
V
1)
TSTG
Storage temperature
-55
125
°C
TLEAD
Lead temperature
260
°C
2)
Note:
1)
HBM: R = 1.5 k
Ω, C = 100 pF. The pins ANT1, ANT2, XTAL1 and XTAL2 have 500 V ESD protection.
2)
260°C for 10 s (reflow and wave soldering), 360 °C for 3 s (manual soldering).
2.2 Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Note
VDD
Positive supply voltage
2.7
3.0
5.0
V
GND
Negative supply voltage
0
0
0
V
IDD1
Supply current,
STDBY = ”H”, TX/ASK = ”H”
1
µA
1)
IDD2
Supply current,
STDBY = ”H”, TX/ASK = ”L”
350
850
µA
2)
IDD3
Supply current,
STDBY = ”L”, TX/ASK = ”H”
7
9
mA
3)
IDD4
Supply current,
STDBY = ”L”, TX/ASK = ”L”
3.5
4.5
mA
4)
TAMB
Ambient temperature range
-40
+85
°C
Note:
1)
Standby:
TAMB = 23 °C, Synthesizer and driving amplifier are turned off.
2)
Clock generator operation:
TAMB = 23 °C XTAL oscillator and µC clock divider on. RF driving amplifier and PLL off, no
external load connected to CLK pin.
3)
Transmit operation:
TAMB = 23 °C, Synthesizer and driving amplifier are turned on.
4)
Turned off TX power:
TAMB = 23 °C, XTAL oscillator and µC clock divider and PLL on RF driving amplifier off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com