Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3901 Datasheet(PDF) 15 Page - ams AG

Part # AS3901
Description  ISM 433/315 MHz FSK/ASK Transmitter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3901 Datasheet(HTML) 15 Page - ams AG

Back Button AS3901 Datasheet HTML 10Page - ams AG AS3901 Datasheet HTML 11Page - ams AG AS3901 Datasheet HTML 12Page - ams AG AS3901 Datasheet HTML 13Page - ams AG AS3901 Datasheet HTML 14Page - ams AG AS3901 Datasheet HTML 15Page - ams AG AS3901 Datasheet HTML 16Page - ams AG AS3901 Datasheet HTML 17Page - ams AG AS3901 Datasheet HTML 18Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
ISM 433/315 MHz FSK/ASK Transmitter – Data Sheet
AS3901
Rev. 6, August 2000
Page 15 of 18
5
Typical Measurement s
Figure 6:
Narrow band output spectrum of the AS3901 FSK modulated with pseudo
random data at 32 kbit/s.
Figure 7:
Modulation bandwidth of the AS3901 in FSK operation at 32.6 kbit/s, measured
close to the EN 300-220-1 recommendation for wide-band equipment, clause 8.6.
Instead of 5 kHz video bandwidth (VBW) 10 kHz was used. The markers were set
up to the band edges. (433.050 MHz, 434.790 MHz) The recommendation says
that the spectrum should be observed at least 1MHz form the ISM band edges, but
it was measured with larger frequency span.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com