Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3901 Datasheet(PDF) 12 Page - ams AG

Part # AS3901
Description  ISM 433/315 MHz FSK/ASK Transmitter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3901 Datasheet(HTML) 12 Page - ams AG

Back Button AS3901 Datasheet HTML 8Page - ams AG AS3901 Datasheet HTML 9Page - ams AG AS3901 Datasheet HTML 10Page - ams AG AS3901 Datasheet HTML 11Page - ams AG AS3901 Datasheet HTML 12Page - ams AG AS3901 Datasheet HTML 13Page - ams AG AS3901 Datasheet HTML 14Page - ams AG AS3901 Datasheet HTML 15Page - ams AG AS3901 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ISM 433/315 MHz FSK/ASK Transmitter – Data Sheet
AS3901
Rev. 6, August 2000
Page 12 of 18
433/315 (Band selection (division ratio))
VIH
High level input voltage
VDD-0.5
-
VDD
V
VIL
Low level input voltage
GND
-
0.3
V
IIH
High level input current
VIH = VDD
1
µA
IIL
Low level input current
VIL = 0 V.
-1
µA
STANDBY (Standby input)
VIH
High level input voltage
VDD-0.5
VDD
V
VIL
Low level input voltage
GND
-
0.3
V
IIH
High level input current
VIH = VDD
1
µA
1IIL
Low level input current
VIL = 0 V.
internal pull-up
-40
µA
Notes
1)
Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com