Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX1243 Datasheet (PDF) - Semtech Corporation

SX1243 Datasheet PDF - Semtech Corporation
Part # SX1243
Download  SX1243 Download
File Size   921.38 Kbytes
Page   24 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Cost Low Current Integrated Transmitter 310 to 928MHz Frequency Agile

SX1243 Datasheet (PDF)

Go To PDF Page Download Datasheet
SX1243 Datasheet PDF - Semtech Corporation

Part # SX1243
Download  SX1243 Click to download

File Size   921.38 Kbytes
Page   24 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Cost Low Current Integrated Transmitter 310 to 928MHz Frequency Agile

SX1243 Datasheet (HTML) - Semtech Corporation


SX1243 Product details

GENERAL DESCRIPTION

The SX1243 is an ultra-low-cost, fully integrated FSK or OOK transmitter suitable for operation between 310 and 450 MHz, 860 and 870 MHz, as well as 902 and 928 MHz.

For applications where economy is paramount, the SX1243 may be used without the requirement for configuration via an MCU. However, in conjunction with a microcontroller the communication link parameters may be re-configured. Including, output power, modulation format and operating channel.



KEY PRODUCT FEATURES

♦ +10 dBm or 0 dBm Configurable output power

♦ Bit rates up to 100 kbps

♦ OOK and FSK modulation.

♦ 1.8 to 3.7 V supply range.

♦ Low BOM Fully Integrated Tx

♦ Fractional-N PLL with 1.5 kHz typical step

♦ Frequency agility for FHSS modulation

♦ FCC CFR Part 15.247 Digital Modulation Techniques



APPLICATIONS

♦ Garage Door Openers

♦ Low-Cost Consumer Electronic Applications

♦ Remote Keyless Entry (RKE)

♦ Remote Control / Security Systems



 




Similar Part No. - SX1243

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1240 SEMTECH-SX1240 Datasheet
548Kb / 20P
Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
SX1242 SEMTECH-SX1242 Datasheet
304Kb / 14P
SX1242 - Low Cost Integrated Transmitter IC
SX1242ISETRT SEMTECH-SX1242ISETRT Datasheet
304Kb / 14P
SX1242 - Low Cost Integrated Transmitter IC
More results


Similar Description - SX1243

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1242 SEMTECH-SX1242 Datasheet
304Kb / 14P
SX1242 - Low Cost Integrated Transmitter IC
logo
List of Unclassifed Man...
SEM104PT100 ETC2-SEM104PT100 Datasheet
92Kb / 2P
LOW COST TEMPERATURE TRANSMITTER
RF68 ETC2-RF68 Datasheet
778Kb / 21P
Low Cost Integrated Transmitter IC
RFM68CW-315S2 ETC2-RFM68CW-315S2 Datasheet
806Kb / 20P
Low Cost ISM Transmitter Module
RFM68W-315S2 ETC2-RFM68W-315S2 Datasheet
793Kb / 20P
Low Cost ISM Transmitter Module
logo
HOPE Microelectronics C...
RF68 HOPE-RF68 Datasheet
778Kb / 21P
Low Cost Integrated Transmitter IC
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
Low Cost ISM Transmitter Module
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
Low Cost ISM Transmitter Module
logo
Dorji Industrial Group ...
DRA889TX DORJI-DRA889TX Datasheet
112Kb / 2P
LOW COST ASK TRANSMITTER MODULE
logo
WOLFSPEED, INC.
AM411 WOLFSPEED-AM411 Datasheet
350Kb / 10P
Low-Cost Voltage Transmitter IC
March 2015 Rev. 4.0
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com