Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4920M8VR Datasheet (PDF) - AiT Semiconductor Inc.

AM4920M8VR Datasheet PDF - AiT Semiconductor Inc.
Part # AM4920M8VR
Download  AM4920M8VR Download
File Size   652.1 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description 30V DUAL N-CHANNEL ENHANCEMENT MODE

AM4920M8VR Datasheet (PDF)

Go To PDF Page Download Datasheet
AM4920M8VR Datasheet PDF - AiT Semiconductor Inc.

Part # AM4920M8VR
Download  AM4920M8VR Click to download

File Size   652.1 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description 30V DUAL N-CHANNEL ENHANCEMENT MODE

AM4920M8VR Datasheet (HTML) - AiT Semiconductor Inc.


AM4920M8VR Product details

DESCRIPTION
The AM4920 is the Dual N-Channel logic enhancement mode power field effect transistor is produced using high cell density. Advanced trench technology to provide excellent RDS(ON).
This device is suitable for use as a load switch or in
PWM and gate charge for most of the synchronous buck converter applications.
The AM4920 is available in SOP8 package.

FEATURES
 30V / 7.8A, RDS(ON) =16mΩ (typ.)@VGS=10V
 30V / 5.8A, RDS(ON) =24mΩ (typ.)@VGS=4.5V
 Super high density cell design for extremely low RDS(ON)
 Exceptional on-resistance and Maximum DC
current capability
 Available in SOP8 package

APPLICATIONS
 High Frequency Point-of-Load Synchronous
 New working DC-DC Power System
 Load Switch




Similar Part No. - AM4920M8VR

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4920N ANALOGPOWER-AM4920N Datasheet
197Kb / 6P
Dual N-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM4920N DOINGTER-AM4920N Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
AM4920N-T1-PF VBSEMI-AM4920N-T1-PF Datasheet
1Mb / 9P
Dual N-Channel 30-V (D-S) MOSFET
More results


Similar Description - AM4920M8VR

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMD63N03X ZETEX-ZXMD63N03X Datasheet
194Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A04DN8 ZETEX-ZXMN3A04DN8 Datasheet
56Kb / 4P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN3A04DN8 DIODES-ZXMN3A04DN8 Datasheet
194Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2002
ZXMN3A06DN8 DIODES-ZXMN3A06DN8 Datasheet
192Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2002
ZXMN3AM832 DIODES-ZXMN3AM832 Datasheet
194Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
DMN3035LWN DIODES-DMN3035LWN_15 Datasheet
596Kb / 7P
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN3135LVT DIODES-DMN3135LVT_15 Datasheet
190Kb / 6P
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
DMN3015LSD DIODES-DMN3015LSD_15 Datasheet
291Kb / 6P
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJL9804 PANJIT-PJL9804 Datasheet
351Kb / 6P
30V Dual N-Channel Enhancement Mode MOSFET
March 25,2017-REV.01
PJL9808 PANJIT-PJL9808 Datasheet
351Kb / 6P
30V Dual N-Channel Enhancement Mode MOSFET
March 31,2017-REV.01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com