Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6512J8VR Datasheet (PDF) - AiT Semiconductor Inc.

AM6512J8VR Datasheet PDF - AiT Semiconductor Inc.
Part # AM6512J8VR
Download  AM6512J8VR Download
File Size   836.72 Kbytes
Page   11 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description N-CHANNEL ENHANCEMENT MODE

AM6512J8VR Datasheet (PDF)

Go To PDF Page Download Datasheet
AM6512J8VR Datasheet PDF - AiT Semiconductor Inc.

Part # AM6512J8VR
Download  AM6512J8VR Click to download

File Size   836.72 Kbytes
Page   11 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description N-CHANNEL ENHANCEMENT MODE

AM6512J8VR Datasheet (HTML) - AiT Semiconductor Inc.


AM6512J8VR Product details

DESCRIPTION
The AM6512 is available in DFN8(5x6) package.

FEATURES
꺶 30V/80A,
RDS(ON)= 1.9m? (Max.) @ VGS=10V
RDS(ON)= 3m? (Max.) @ VGS=4.5V
꺶 100% UIS + Rg Tested
꺶 Reliable and Rugged
꺶 Lower Qg and Qgd for high-speed switching
꺶 Lower RDS(ON) to Minimize Conduction Losses
꺶 Available in DFN8(5x6) package.

APPLICATION
꺶 Power Management in Desktop Computer or
DC/DC Converters.




Similar Part No. - AM6512J8VR

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM6520C ANALOGPOWER-AM6520C Datasheet
141Kb / 3P
P & N-Channel 20-V (D-S) MOSFET
logo
Texas Instruments
AM6526 TI1-AM6526 Datasheet
3Mb / 299P
Sitara Processors
AM6526 TI1-AM6526 Datasheet
3Mb / 277P
Processors Silicon Revision 1.0
AM6526 TI-AM6526 Datasheet
6Mb / 282P
AM654x, AM652x Sitara??Processors Silicon Revision 2.1
AM6526 TI1-AM6526 Datasheet
6Mb / 282P
AM654x, AM652x Sitara??Processors Silicon Revision 2.1
More results


Similar Description - AM6512J8VR

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com