Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6512J8VR Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # AM6512J8VR
Description  N-CHANNEL ENHANCEMENT MODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AM6512J8VR Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  AM6512J8VR Datasheet HTML 1Page - AiT Semiconductor Inc. AM6512J8VR Datasheet HTML 2Page - AiT Semiconductor Inc. AM6512J8VR Datasheet HTML 3Page - AiT Semiconductor Inc. AM6512J8VR Datasheet HTML 4Page - AiT Semiconductor Inc. AM6512J8VR Datasheet HTML 5Page - AiT Semiconductor Inc. AM6512J8VR Datasheet HTML 6Page - AiT Semiconductor Inc. AM6512J8VR Datasheet HTML 7Page - AiT Semiconductor Inc. AM6512J8VR Datasheet HTML 8Page - AiT Semiconductor Inc. AM6512J8VR Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AM6512
MOSFET
N-CHANNEL ENHANCEMENT MODE
REV2.0
- MAY 2016 RELEASED, MAY 2018 UPDATED -
- 3 -
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless Otherwise Noted
VDSS, Drain-Source Voltage
30V
VGSS, Gate-Source Voltage
±20V
TJ, Maximum Junction Temperature
150°C
TSTG, Storage Temperature Range
-55°C~150°C
IS, Diode Continuous Forward Current
TC=25°C
42.5A
IDNOTE1, Continuous Drain Current
TC=25°C
80*A
TC=100°C
75A
IDMNOTE2, Pulsed Drain Current
TC=25°C
160A
PD, Maximum Power Dissipation
TC=25°C
78W
TC=100°C
31W
RθJC, Thermal Resistance-Junction to Case
Steady State
1.6°C/W
IDNOTE3, Continuous Drain Current
TA=25°C
28A
TA=70°C
22A
PDNOTE3, Maximum Power Dissipation
TA=25°C
2.3W
TA=70°C
1.5W
RθJANOTE3, Thermal Resistance-Junction to Ambient
t ≤10s
20°C/W
Steady State
55°C/W
IASNOTE4, Avalanche Current, Single Pulse
L=0.1mH
43A
EASNOTE4, Avalanche Energy, Single Pulse
L=0.1mH
92mJ
Stress beyond above listed “Absolute Maximum Ratings” may lead permanent damage to the device. These are stress ratings only and
operations of the device at these or any other conditions beyond those indicated in the operational sections of the specifications are not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
NOTE1,*: Max. continue current is limited by bonding wire.
NOTE2: Pulse width is limited by max. junction temperature.
NOTE3: RθJA steady state t=999s.
NOTE4: UIS tested and pulse width limited by maximum junction temperature 150°C (initial temperature TJ=25°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com