Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM9435 Datasheet (PDF) - AiT Semiconductor Inc.

AM9435 Datasheet PDF - AiT Semiconductor Inc.
Part # AM9435
Download  AM9435 Download
File Size   492.19 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description -30V P-CHANNEL ENHANCEMENT MODE

AM9435 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM9435 Datasheet PDF - AiT Semiconductor Inc.

Part # AM9435
Download  AM9435 Click to download

File Size   492.19 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description -30V P-CHANNEL ENHANCEMENT MODE

AM9435 Datasheet (HTML) - AiT Semiconductor Inc.


AM9435 Product details

DESCRIPTION
The AM9435 is the P-Channel logic enhancement mode power field effect transistor is produced using high cell density, advanced trench technology to provide excellent RDS(ON).
This device is suitable for use as a load switch or in PWM and gate charge for most of the synchronous buck converter applications.
The AM9435 is available in SOP8 Package

FEATURES
 -30V/-5.8A, RDS(ON)=38mΩ(typ.)@VGS=-10V
-30V/-4.0A, RDS(ON)=60mΩ(typ.)@VGS=-4.5V
 Super high density cell design for extremely low RDS(ON)
 Exceptional on-resistance and maximum DC
current capability
 Available in SOP8 Package

APPLICATION
 Power Management in Note book
 Portable Equipment
 DSC
 LCD Display inverter
 Battery Powered System
 DC/DC Converter
 Load Switch




Similar Part No. - AM9435

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AM9435 AXELITE-AM9435 Datasheet
731Kb / 6P
-30V P-Channel Enhancement Mode MOSFET
Rev.1.1 May 19, 2016
logo
VBsemi Electronics Co.,...
AM9435M8R VBSEMI-AM9435M8R Datasheet
959Kb / 8P
P-Channel 30-V (D-S) MOSFET
AM9435M8VR VBSEMI-AM9435M8VR Datasheet
959Kb / 8P
P-Channel 30-V (D-S) MOSFET
logo
Analog Power
AM9435P ANALOGPOWER-AM9435P Datasheet
116Kb / 5P
P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM9435P-T1-PF VBSEMI-AM9435P-T1-PF Datasheet
959Kb / 8P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - AM9435

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
AiT Semiconductor Inc.
AM4407 AITSEMI-AM4407 Datasheet
481Kb / 8P
-30V P-CHANNEL ENHANCEMENT MODE
REV1.0
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com