Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM9435 Datasheet (PDF) - AXElite technology co. ltd

AM9435 Datasheet PDF - AXElite technology co. ltd
Part # AM9435
Download  AM9435 Download
File Size   731.63 Kbytes
Page   6 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description -30V P-Channel Enhancement Mode MOSFET

AM9435 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM9435 Datasheet PDF - AXElite technology co. ltd

Part # AM9435
Download  AM9435 Click to download

File Size   731.63 Kbytes
Page   6 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description -30V P-Channel Enhancement Mode MOSFET

AM9435 Datasheet (HTML) - AXElite technology co. ltd


AM9435 Product details

■ DESCRIPTION
The AM9435 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology. This high density process is especially tailored to minimize on-state resistance.
These devices are particularly suited for low voltage application, notebook computer power management and other battery powered circuits where high-side switching.

■FEATURE
-30V/-5.2A, RDS(ON) < 60mΩ@VGS = -10V
-30V/-4.0A, RDS(ON) <90mΩ@VGS = -4.5V
Super high density cell design for extremely low RDS(ON)
Exceptional on-resistance and maximum DC current capability
Full RoHS compliance
SOP-8 package design

■APPLICATIONS
Power Management in Note book
Portable Equipment
Battery Powered System
DC/DC Converter
Load Switch
DSC
LCD Display inverter




Similar Part No. - AM9435

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM9435 AITSEMI-AM9435 Datasheet
492Kb / 8P
-30V P-CHANNEL ENHANCEMENT MODE
REV1.1
logo
VBsemi Electronics Co.,...
AM9435M8R VBSEMI-AM9435M8R Datasheet
959Kb / 8P
P-Channel 30-V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM9435M8R AITSEMI-AM9435M8R Datasheet
492Kb / 8P
-30V P-CHANNEL ENHANCEMENT MODE
REV1.1
logo
VBsemi Electronics Co.,...
AM9435M8VR VBSEMI-AM9435M8VR Datasheet
959Kb / 8P
P-Channel 30-V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM9435M8VR AITSEMI-AM9435M8VR Datasheet
492Kb / 8P
-30V P-CHANNEL ENHANCEMENT MODE
REV1.1
More results


Similar Description - AM9435

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com