Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM9435 Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AM9435
Description  -30V P-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AM9435 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AM9435 Datasheet HTML 1Page - AXElite technology co. ltd AM9435 Datasheet HTML 2Page - AXElite technology co. ltd AM9435 Datasheet HTML 3Page - AXElite technology co. ltd AM9435 Datasheet HTML 4Page - AXElite technology co. ltd AM9435 Datasheet HTML 5Page - AXElite technology co. ltd AM9435 Datasheet HTML 6Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
■
PART MARKING INFORMATION
■
ORDERING INFORMATION
Part Number
Package Code
Package
Shipping
AM9435S-A
S
SOP-8
2500 /Tape&Reel
Year Code : 00 ~ 99
※
※
Week Code : 01~52
※
SOP-8 : Only available in tape and reel packaging. (A reel contains 2500 devices)
■
ABSOLUTE MAXIMUM RATINGS (TA = 25℃ Unless otherwise noted )
Symbol
Parameter
Typical
Unit
VDSS
Drain-Source Voltage
-30
V
VGSS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current (TJ=150℃)
VGS = -10V
-5.2
A
IDM
Pulsed Drain Current
-20
A
IS
Continuous Source Current (Diode Conduction)
-2.4
A
TJ
Operation Junction Temperature
-55~150
℃
TSTG
Storage Temperature Range
-55~150
℃
PD
Power Dissipation
TA=25℃
TA=70℃
2.8
1.8
W
RθJA
Thermal Resistance-Junction to Ambient
70
℃
/W
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
AM9435X- X
YY: Year Code WW: Week Code
A: Process Code
AM9435
YYWWA
MARKING
Packing
Package
Package
S : SOP-8
Packing
Blank : Tube
A : Taping
AM9435
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 May 19, 2016



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com