Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO2170M8R Datasheet (PDF) - AiT Semiconductor Inc.

AO2170M8R Datasheet PDF - AiT Semiconductor Inc.
Part # AO2170M8R
Download  AO2170M8R Download
File Size   542.32 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description 36V, 1.2MHz, DUAL, RAIL-TO-RAIL OUTPUT CMOS

AO2170M8R Datasheet (PDF)

Go To PDF Page Download Datasheet
AO2170M8R Datasheet PDF - AiT Semiconductor Inc.

Part # AO2170M8R
Download  AO2170M8R Click to download

File Size   542.32 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description 36V, 1.2MHz, DUAL, RAIL-TO-RAIL OUTPUT CMOS

AO2170M8R Datasheet (HTML) - AiT Semiconductor Inc.


AO2170M8R Product details

DESCRIPTION
The AO2170 offers high voltage (36V), cost-optimized operation amplifier. AO2170 also offers strong general-purpose DC and AC specifications, including rail-to-rail output, low offset, low offset drift and 1.2MHz bandwidth.
Convenient features such as wide differential input voltage range, high output current, and high slew rate of 0.67V/us make the AO2170 a robust operational amplifier for high-voltage, cost-effective applications.
as well as excellent speed/power consumption ratio, providing an excellent bandwidth (1.2MHz) and slew rate of 0.67V/us. The op-amps are unity gain stable and feature an ultra- low input bias current.
The AO2170 is stable at capacitance up to 100pF (Typ) and operation under single power supplies of 3V to 36V or dual power supplies of ±1.5V to ±18V.
The AO2170 is available in SOP8 and MSOP8 packages.

FEATURES
⚫ Low Offset Voltage: ±0.8mV (
⚫ Low Offset Voltage Drift: 3 uV/°C
⚫ L ow Noise: 45 nV/√Hz at 1kHz
⚫ H igh Common Mode Rejection Ratio: 110dB
⚫ L ow Bias Current: 10pA
⚫ Rail to Rail Output
⚫ Wide Bandwidth:1.2MHz GBW
⚫ H igh Slew Rate: 0.67V/us
⚫ L ow Quiescent Curren t: 150 uA per Amp lifier
⚫ Supply Range: +3V to +36V
⚫ Available in SOP8 and MSOP8 p ackage s

APPLICATION
⚫ Merchant Network and Server PSU
⚫ Industrial AC DC & Merchant DC/DC
⚫ Motor Drives: AC and Servo Drive Power
Supplies
⚫ Building Automation
⚫ Sensors
⚫ Photodiode Amplification
⚫ Active Filters
⚫ Test Equipment




Similar Part No. - AO2170M8R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO211 ETC-AO211 Datasheet
9Kb / 1P
AO211 is an AND / OR circuit providing the logical function Q = (A.BCD).
More results


Similar Description - AO2170M8R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APC308 ETC-APC308 Datasheet
198Kb / 15P
Rail to Rail Output CMOS Operating Amplifier
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
Rail-to-Rail Output CMOS Operational Amplifiers
logo
Analog Devices
AD8698 AD-AD8698_15 Datasheet
323Kb / 20P
Dual Precision, Rail-to-Rail Output
REV. 0
logo
Global Mixed-mode Techn...
G1337 GMT-G1337 Datasheet
80Kb / 1P
Dual Rail-to-Rail CMOS Comparators with Open- Drain Output
logo
Texas Instruments
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8091 HMSEMI-HM8091 Datasheet
4Mb / 20P
350MHZ CMOS Rail-to-Rail Output Opamps
HM8091092N HMSEMI-HM8091092N Datasheet
4Mb / 20P
350MHZ CMOS Rail-to-Rail Output Opamps
logo
AiT Semiconductor Inc.
AO1170 AITSEMI-AO1170 Datasheet
459Kb / 8P
36V, 1.2MHz, SINGLE, RAIL-TO-RAIL OUTPUT CMOS
REV1.0
AO4170 AITSEMI-AO4170 Datasheet
528Kb / 9P
36V, 1.2MHz, QUAD, RAIL-TO-RAIL OUTPUT CMOS
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com